Electronic Components Datasheet Search
  English  ▼

X  

RT5752 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT5752
Description  2A, 1.2MHz, 6V Synchronous Step-Down Converter in TSOT-23-5/TSOT-23-6 and WDFN-6L 2x2
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5752 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT5752 Datasheet HTML 1Page - Richtek Technology Corporation RT5752 Datasheet HTML 2Page - Richtek Technology Corporation RT5752 Datasheet HTML 3Page - Richtek Technology Corporation RT5752 Datasheet HTML 4Page - Richtek Technology Corporation RT5752 Datasheet HTML 5Page - Richtek Technology Corporation RT5752 Datasheet HTML 6Page - Richtek Technology Corporation RT5752 Datasheet HTML 7Page - Richtek Technology Corporation RT5752 Datasheet HTML 8Page - Richtek Technology Corporation RT5752 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
RT5752
5
DS5752-03 November 2023
www.richtek.com
©
Copyright 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Operation
The RT5752 is a high-efficiency, synchronous step-down
DC-DC converter that delivers up to 2A output current from
a 2.5V to 6V input supply.
Advanced Constant On-Time Control and PWM
Operation
The RT5752 adopts ACOT®control for its ultrafast transient
response, low external component counts and stable with
low ESR MLCC output capacitors. When the feedback
voltage falls below the feedback reference voltage, the
minimum off-time one-shot (90ns, typ.) has timed out and
the inductor current is below the current limit threshold,
then the internal on-time one-shot circuitry is triggered
and the high-side switch is turned on. Since the minimum
off-time is short, the device exhibits ultrafast transient
response and enables the use of smaller output
capacitance.
The on-time is inversely proportional to input voltage and
directly proportional to output voltage to achieve pseudo-
fixed frequency over the input voltage range. After the on-
time one-shot timer is expired, the high-side switch is
turned off and the low-side switch is turned on until the
on-time one-shot is triggered again. In the steady state,
the error amplifier compares the feedback voltage VFB and
an internal reference voltage. If the virtual inductor current
ramp voltage is lower than the output of the error amplifier,
a new pre-determined fixed on-time will be triggered by
the on-time one-shot generator.
Power Saving Mode
The RT5752A automatically enters power saving mode
(PSM) at light load to maintain high efficiency. As the
load current decreases and eventually the inductor current
ripple valley touches the zero current, which is the
boundary between continuous conduction and
discontinuous conduction modes. The low-side switch is
turned off when the zero inductor current is detected. As
the load current is further decreased, it takes longer time
to discharge the output capacitor to the level that requires
the next on-time. The switching frequency decreases and
is proportional to the load current to maintain high
efficiency at light load.
Enable Control
The RT5752 provides an EN pin, as an external chip enable
control, to enable or disable the device. If VEN is held
below a logic-low threshold voltage (VEN_L) of the enable
input (EN), the converter will disable output voltage, that
is, the converter is disabled and switching is inhibited
even if the VIN voltage is above VIN under-voltage lockout
threshold (VUVLO). During shutdown mode, the supply
current can be reduced to ISHDN (15
μA or below). If the EN
voltage rises above the logic-high threshold voltage (VEN_H)
while the VIN voltage is higher than UVLO threshold, the
device will be turned on, that is, switching being enabled
and soft-start sequence being initiated.
Soft-Start (SS)
The RT5752 provides an internal soft-start feature for inrush
control. At power up, the internal capacitor is charged by
an internal current source to generate a soft-start ramp
voltage as a reference voltage to the PWM comparator.
The device will initiate switching and the output voltage
will smoothly ramp up to its targeted regulation voltage
only after this ramp voltage is greater than the feedback
voltage VFB to ensure the converters have a smooth start-
up from pre-biased output. The output voltage starts to
rise in 220
μs(Typ.) from EN rising, and the soft-start ramp-
up time (0%VOUT to 95%VOUT) is 1.5ms(Typ.).
Figure 1. Start-Up Sequence
 
VOUT
EN
VIN
1.5ms (typ.)
0%VOUT
95%VOUT
220μs
(typ.)
PG
2.5ms (typ.)
SS
(Internal)
SS END



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com