Electronic Components Datasheet Search
  English  ▼

X  

RT5752 Datasheet(PDF) 30 Page - Richtek Technology Corporation

Part # RT5752
Description  2A, 1.2MHz, 6V Synchronous Step-Down Converter in TSOT-23-5/TSOT-23-6 and WDFN-6L 2x2
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5752 Datasheet(HTML) 30 Page - Richtek Technology Corporation

Back Button RT5752 Datasheet HTML 24Page - Richtek Technology Corporation RT5752 Datasheet HTML 25Page - Richtek Technology Corporation RT5752 Datasheet HTML 26Page - Richtek Technology Corporation RT5752 Datasheet HTML 27Page - Richtek Technology Corporation RT5752 Datasheet HTML 28Page - Richtek Technology Corporation RT5752 Datasheet HTML 29Page - Richtek Technology Corporation RT5752 Datasheet HTML 30Page - Richtek Technology Corporation RT5752 Datasheet HTML 31Page - Richtek Technology Corporation RT5752 Datasheet HTML 32Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
©
Copyright 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
RT5752
30
DS5752-03 November 2023
www.richtek.com
Footprint Information
P1
P2
A
B
C
D
M
TSOT-25/TSOT-25(FC)/SOT-25
5
0.95
1.90
3.60
1.60
1.00
0.70
2.60
±0.10
Package
Tolerance
Footprint Dimension (mm)
Number of
Pin
P1
ABC
D
M
TSOT-26/TSOT-26(FC)/SOT-26/SOT-26(COL)
6
0.95
3.60
1.60
1.00
0.70
2.60
±0.10
Package
Tolerance
Footprint Dimension (mm)
Number of
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com