Electronic Components Datasheet Search
  English  ▼

X  

RT5752 Datasheet(PDF) 20 Page - Richtek Technology Corporation

Part # RT5752
Description  2A, 1.2MHz, 6V Synchronous Step-Down Converter in TSOT-23-5/TSOT-23-6 and WDFN-6L 2x2
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5752 Datasheet(HTML) 20 Page - Richtek Technology Corporation

Back Button RT5752 Datasheet HTML 16Page - Richtek Technology Corporation RT5752 Datasheet HTML 17Page - Richtek Technology Corporation RT5752 Datasheet HTML 18Page - Richtek Technology Corporation RT5752 Datasheet HTML 19Page - Richtek Technology Corporation RT5752 Datasheet HTML 20Page - Richtek Technology Corporation RT5752 Datasheet HTML 21Page - Richtek Technology Corporation RT5752 Datasheet HTML 22Page - Richtek Technology Corporation RT5752 Datasheet HTML 23Page - Richtek Technology Corporation RT5752 Datasheet HTML 24Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
RT5752
20
DS5752-03 November 2023
www.richtek.com
©
Copyright 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
The output stage of a synchronous buck converter is
composed of an inductor and capacitor, which stores and
delivers energy to the load, and forms a second-order low-
pass filter to smooth out the switch node voltage to
maintain a regulated output voltage.
Inductor Selection
The inductor selection trade-offs among size, cost,
efficiency, and transient response requirements. Generally,
three key inductor parameters are specified for operation
with the device: inductance value (L), inductor saturation
current (ISAT), and DC resistance (DCR).
A good compromise between size and loss is to choose
the peak-to-peak ripple current equals to 20% to 50% of
the IC rated current. The switching frequency, input
voltage, output voltage, and selected inductor ripple current
determines the inductor value as follows :
OUT
IN
OUT
IN
SW
L
V(V
V
)
L =
Vf
I

 
Once an inductor value is chosen, the ripple current (
ΔIL)
is calculated to determine the required peak inductor
current.
OUT
IN
OUT
L
IN
SW
V(V
V
)
I=
Vf
L


L_PEAK
OUT_MAX
L
1
I
= I
+
I
2
IL(PEAK) should not exceed the minimum value of IC's upper
current limit level. Besides, the current flowing through
the inductor is the inductor ripple current plus the output
current. During power up, faults or transient load
conditions, the inductor current can increase above the
calculated peak inductor current level calculated above.
In transient conditions, the inductor current can increase
up to the switch current limit of the device. For this reason,
the most conservative approach is to specify an inductor
with a saturation current rating equal to or greater than
the switch current limit rather than the peak inductor
current.
where
OUT
IN
V
D =
V
CIN
OUT
OUT
IN
SW
1D
V
= D I
+ I
ESR
Cf

For ceramic capacitors, the equivalent series resistance
(ESR) is very low, the ripple which is caused by ESR can
be ignored, and the minimum input capacitance can be
estimated as equation below :
IN_MIN
OUT_MAX
CIN_MAX
SW
D1 D
C
I
Vf
=

where
ΔVCIN_MAX is maximum input ripple voltage.
Richtek’s component specification does not include the following information in the Application Information section.
Thereby no warranty is given regarding its validity and accuracy. Customers should take responsibility to verify their
own designs and reserve suitable design margin to ensure the functional suitability of their components and systems.
Application Information
For the selected inductor, the inductor’s saturation and
thermal rating should meet or greater than the ripple
current (
ΔIL). For more conservative, the rating for inductor
saturation current must be equal to or greater than switch
current limit of the device rather than the inductor peak
current.
For EMI sensitive application, choosing shielding type
inductor is preferred.
Input Capacitor Selection
Input capacitance, CIN, is needed to filter the pulsating
current at the drain of the high-side power MOSFET. CIN
should be sized to do this without causing a large variation
in input voltage. The waveform of CIN ripple voltage and
ripple current are shown in Figure 4. The peak-to-peak
voltage ripple on input capacitor can be estimated as
equation below :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com