Electronic Components Datasheet Search
  English  ▼

X  

RT5752 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT5752
Description  2A, 1.2MHz, 6V Synchronous Step-Down Converter in TSOT-23-5/TSOT-23-6 and WDFN-6L 2x2
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5752 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT5752 Datasheet HTML 3Page - Richtek Technology Corporation RT5752 Datasheet HTML 4Page - Richtek Technology Corporation RT5752 Datasheet HTML 5Page - Richtek Technology Corporation RT5752 Datasheet HTML 6Page - Richtek Technology Corporation RT5752 Datasheet HTML 7Page - Richtek Technology Corporation RT5752 Datasheet HTML 8Page - Richtek Technology Corporation RT5752 Datasheet HTML 9Page - Richtek Technology Corporation RT5752 Datasheet HTML 10Page - Richtek Technology Corporation RT5752 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
RT5752
7
DS5752-03 November 2023
www.richtek.com
©
Copyright 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
inhibited until the inductor current ramps down to the
current limit level (ILIM_L), that is, another on-time can only
be triggered when the inductor current goes below the
low-side current limit. If the output load current exceeds
the available inductor current (clamped by the low-side
current limit), the output capacitor needs to supply the
extra current such that the output voltage will begin to
drop. If it drops below the output under-voltage protection
threshold, the IC will stop switching to avoid excessive
heat.
Figure 2. Over-Current Protection
Output Active Discharge
When the RT5752 is disabled by EN pin, UVLO or OTP,
the device discharges the output capacitors (via SW pins)
through an internal discharge resistor (100
Ω) connected
to ground. This function prevents the reverse current flow
from the output capacitors to the input capacitors once
the input voltage collapses. It doesn't need to rely on
another active discharge circuit for discharging output
capacitors. This function will be turned off when the fault
condition is removed.
Output Under-Voltage Protection
The RT5752 includes output under-voltage protection
(UVP) against over-load or short-circuited condition by
constantly monitoring the feedback voltage VFB. If VFB
drops below the under-voltage protection threshold
(typically 40% of the internal feedback reference voltage),
the UV comparator will go high to turn off both the internal
high-side and low-side MOSFET switches. The RT5752
will enter output under-voltage protection with hiccup
mode. During hiccup mode, the IC will shut down for
Output Over-Voltage Protection
The RT5752AL/BL includes an output over-voltage
protection (OVP) circuit to limit output voltage and
minimize output voltage overshoot. If the VFB goes above
the 120% of the reference voltage, the high-side MOSFET
will be forced off to limit the output voltage then the IC will
be into Latch-off mode.
Thermal Shutdown
The RT5752 includes an over-temperature protection (OTP)
circuitry to prevent overheating due to excessive power
dissipation. The OTP will shut down switching operation
when junction temperature exceeds a thermal shutdown
threshold (TSD). Once the junction temperature cools down
by a thermal shutdown hysteresis (
ΔTSD), the IC will
resume normal operation with a complete soft-start.
Note that the over-temperature protection is intended to
protect the device during momentary overload conditions.
The protection is activated outside of the absolute
tHICCUP_OFF (5ms, typ.), and then attempt to recover
automatically for tHICCUP_ON (1ms, typ.). Upon completion
of the soft-start sequence, if the fault condition is removed,
the converter will resume normal operation; otherwise, such
cycle for auto-recovery will be repeated until the fault
condition is cleared. Hiccup mode allows the circuit to
operate safely with low input current and power dissipation,
and then resume normal operation as soon as the over-
load or short-circuit condition is removed. A short-circuit
protection and recovery profile is shown below.
Figure 3. Short-Circuit Protection and Recovery
Time (50
μs/Div)
VOUT
(500mV/Div)
VPG
(5V/Div)
ISW
(2A/Div)
VSW
(5V/Div)
Short Applied
Short Removed
Time (5ms/Div)
VOUT
(500mV/Div)
VPG
(5V/Div)
ISW
(2A/Div)
VSW
(5V/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com