Electronic Components Datasheet Search
  English  ▼

X  

RT5752 Datasheet(PDF) 25 Page - Richtek Technology Corporation

Part # RT5752
Description  2A, 1.2MHz, 6V Synchronous Step-Down Converter in TSOT-23-5/TSOT-23-6 and WDFN-6L 2x2
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5752 Datasheet(HTML) 25 Page - Richtek Technology Corporation

Back Button RT5752 Datasheet HTML 21Page - Richtek Technology Corporation RT5752 Datasheet HTML 22Page - Richtek Technology Corporation RT5752 Datasheet HTML 23Page - Richtek Technology Corporation RT5752 Datasheet HTML 24Page - Richtek Technology Corporation RT5752 Datasheet HTML 25Page - Richtek Technology Corporation RT5752 Datasheet HTML 26Page - Richtek Technology Corporation RT5752 Datasheet HTML 27Page - Richtek Technology Corporation RT5752 Datasheet HTML 28Page - Richtek Technology Corporation RT5752 Datasheet HTML 29Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
RT5752
25
DS5752-03 November 2023
www.richtek.com
©
Copyright 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 12. Layout Guide for TSOT-23-6
L
CIN2
CIN1
Place the input MLCC capacitors as
close to the VIN and GND pins as
possible.
Connect feedback network
behind the output.
Add extra vias for thermal Dissipation.
Keep analog components
away from the SW node to
prevent stray capacitive noise
pickup.
The VIN trace should have enough
width, and use several vias to
shunt the high input current.
COUT
VOUT
VIN
VIN
Place the feedback components
next to the FB pin.
GND
GND
GND
GND
GND
VOUT
PG
RFB2
Layout Considerations
Follow the PCB layout guidelines for optimal performance
of the device.
Keep the high-current paths short, especially at the
ground terminals. This practice is essential for stable,
jitter-free operation. The high current path comprising
of input capacitor, high-side FET, inductor, and the output
capacitor should be as short as possible. This practice
is essential for high efficiency.
Place the input MLCC capacitors as close to the VIN
and GND pins as possible. The major MLCC capacitors
should be placed on the same layer as the RT5752.
SW node is with high frequency voltage swing and
should be kept at small area. Keep analog components
away from the SW node to prevent stray capacitive noise
pickup.
Connect feedback network behind the output capacitors.
Place the feedback components next to the FB pin.
For better thermal performance, to design a wide and thick
plane for GND pin or to add a lot of vias to GND plane.
An example of PCB layout guide is shown from Figure
12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com