Electronic Components Datasheet Search
  English  ▼

X  

RT5752 Datasheet(PDF) 23 Page - Richtek Technology Corporation

Part # RT5752
Description  2A, 1.2MHz, 6V Synchronous Step-Down Converter in TSOT-23-5/TSOT-23-6 and WDFN-6L 2x2
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5752 Datasheet(HTML) 23 Page - Richtek Technology Corporation

Back Button RT5752 Datasheet HTML 19Page - Richtek Technology Corporation RT5752 Datasheet HTML 20Page - Richtek Technology Corporation RT5752 Datasheet HTML 21Page - Richtek Technology Corporation RT5752 Datasheet HTML 22Page - Richtek Technology Corporation RT5752 Datasheet HTML 23Page - Richtek Technology Corporation RT5752 Datasheet HTML 24Page - Richtek Technology Corporation RT5752 Datasheet HTML 25Page - Richtek Technology Corporation RT5752 Datasheet HTML 26Page - Richtek Technology Corporation RT5752 Datasheet HTML 27Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
RT5752
23
DS5752-03 November 2023
www.richtek.com
©
Copyright 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 7. Logic Control for the EN Pin
Figure 8. Resistive Divider for Under-Voltage Lockout
Threshold Setting
EN
GND
VIN
REN
Q1
Enable
RT5752
EN
GND
VIN
REN1
REN2
RT5752
Power-Good Output
The PG pin is an open-drain power-good indication output
and is to be connected to an external voltage source
through a pull-up resistor.
The external voltage source can be an external voltage
supply below 6V, VCC or the output of the RT5752 if the
output voltage is regulated under 6V. It is recommended
to connect a 100k
Ω between external voltage source to
PG pin.
Feedforward Capacitor (CFF)
The RT5752 is optimized for low duty-cycle applications,
and the control loop is stable with low ESR ceramic output
capacitors. This optimization makes circuit easily to
achieve stability with reasonable output capacitors, but it
also narrows the optimization of transient responses of
the converter. In higher duty-cycle applications (higher
output voltages or lower input voltage), the internal ripple
signal will increase in amplitude. Before the ACOT®control
loop can react to an output voltage fluctuation, the voltage
change on the feedback signal must exceed the internal
ripple amplitude. Because of the large internal ripple in
this condition, the response may become too slow and
may show an under-damped response. This can cause
some ringing in the output and is especially visible at
higher output voltage applications where duty-cycle is high.
The feedback network attenuation is large, adding to the
delay.As shown in Figure 9, adding a feedforward capacitor
(CFF) across the upper feedback resistor is recommended.
This increases the damping of the control system.
Figure 9. Feedback Loop with Feedforward Capacitor
SW
GND
RFB1
RT5752
RFB2
CFF
FB
COUT
VOUT
L
Loop stability can be checked by viewing the load transient
response. A load step with a speed that exceeds the
converter bandwidth must be applied. For ACOT®, loop
bandwidth can be in the order of 100 to 200kHz, so a load
step with 500ns maximum rise time (di/dt 2A/
μs) ensures
the excitation frequency is sufficient. It is important that
the converter operates in PWM mode, outside the light
load efficiency range, and below any current limit threshold.
A load transient from 30% to 60% of maximum load is
reasonable which is shown in Figure 10.
FF
co
FB1
FB1
FB2
11
1
1
C
=
+
2f
R
R
R



30% Load
60% Load
fCO
Figure 10. Example of Measuring the Converter fCO by
Fast Load Transient
CFF can be calculated base on below equation :
The loop bandwidth can be obviously extended by the
optimized feedforward capacitor, while the control system
is still maintaining an acceptable stability. However, the
inappropriate feedforward capacitor might cause the
insufficient gain margin or phase margin result in the
control system to be instability. Therefore, the feedforward
capacitor should be designed in a good compromise
between loop bandwidth improvement and acceptable
stability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com