Electronic Components Datasheet Search
  English  ▼

X  

RT5752 Datasheet(PDF) 24 Page - Richtek Technology Corporation

Part # RT5752
Description  2A, 1.2MHz, 6V Synchronous Step-Down Converter in TSOT-23-5/TSOT-23-6 and WDFN-6L 2x2
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5752 Datasheet(HTML) 24 Page - Richtek Technology Corporation

Back Button RT5752 Datasheet HTML 20Page - Richtek Technology Corporation RT5752 Datasheet HTML 21Page - Richtek Technology Corporation RT5752 Datasheet HTML 22Page - Richtek Technology Corporation RT5752 Datasheet HTML 23Page - Richtek Technology Corporation RT5752 Datasheet HTML 24Page - Richtek Technology Corporation RT5752 Datasheet HTML 25Page - Richtek Technology Corporation RT5752 Datasheet HTML 26Page - Richtek Technology Corporation RT5752 Datasheet HTML 27Page - Richtek Technology Corporation RT5752 Datasheet HTML 28Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
RT5752
24
DS5752-03 November 2023
www.richtek.com
©
Copyright 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Thermal Considerations
In many applications, the RT5752 does not generate much
heat due to its high efficiency and low thermal resistance
of its TSOT-23-5 and TSOT-23-6 packages. However, in
applications which the RT5752 runs at a high ambient
temperature and high input voltage or high switching
frequency, the generated heat may exceed the maximum
junction temperature of the part. The junction temperature
should never exceed the absolute maximum junction
temperature of the part.
The junction temperature should never exceed the
absolute maximum junction temperature TJ(MAX), listed
under Absolute Maximum Ratings, to avoid permanent
damage to the device. If the junction temperature reaches
approximately 150
°C, the RT5752 stops switching the
power MOSFETs until the temperature cools down by
20
°C.
The maximum power dissipation can be calculated by
the following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA(EFFECTIVE)
O
2
D, RT
OUT
CORE
1 η
P
=
P
I
DCR + P
= 0.439W
η

Considering the
θJA(EFFECTIVE) is 93.79°C/W by using the
RT5752 evaluation board with 4 layers PCB, all layers
with 1 oz. Cu, the junction temperature of the regulator
operating in a 25
°C ambient temperature is approximately :
TJ = 0.439W x 93.79
°C/W + 25°C = 66.1°C
Figure 11. Load Transient Response with and without
Feedforward Capactior
Note that, after defining the CFF, please also check the
load regulation because the feedforward capacitor might
inject an offset voltage into VOUT to cause VOUT inaccuracy.
If the output voltage is over specification caused by
calculated CFF, please decrease the value of feedforward
capacitor CFF.
Figure 11. shows the transient performance with and
without feedforward capacitor.
where TJ(MAX) is the maximum junction temperature of the
die. For recommended operating condition specifications,
the maximum junction temperature is 150
°C. TA is the
ambient temperature, and
θJA(EFFECTIVE) is the system-
level junction to ambient thermal resistance. It can be
estimated from thermal modeling or measurements in the
system.
The thermal resistance of the device strongly depends on
the surrounding PCB layout and can be improved by
providing a heat sink of surrounding copper ground. The
addition of backside copper with thermal vias, stiffeners,
and other enhancements can also help reduce thermal
resistance.
Experiments in the Richtek thermal lab show that simply
set
θJA(EFFECTIVE) as 110% to 120% of the θJA is reasonable
to obtain the allowed PD(MAX).
As an example, consider the case when the RT5752 is
used in TSOT-23-6 package applications where VIN = 5V,
IOUT = 2A, fSW = 1.2MHz, VOUT = 1.2V. The efficiency at
1.2V, 2A is 78.7% by using VCTA25201B-1R5MS6 (1.5
μH,
50m
Ω DCR) as the inductor and measured at room
temperature. The core loss, 10.3mW, can be obtained
from its website in this case. In this case, the power
dissipation of the RT5752 is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com