Electronic Components Datasheet Search
  English  ▼

X  

LTM4682 Datasheet(PDF) 40 Page - Analog Devices

Part # LTM4682
Description  Low Profile Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4682 Datasheet(HTML) 40 Page - Analog Devices

Back Button LTM4682 Datasheet HTML 36Page - Analog Devices LTM4682 Datasheet HTML 37Page - Analog Devices LTM4682 Datasheet HTML 38Page - Analog Devices LTM4682 Datasheet HTML 39Page - Analog Devices LTM4682 Datasheet HTML 40Page - Analog Devices LTM4682 Datasheet HTML 41Page - Analog Devices LTM4682 Datasheet HTML 42Page - Analog Devices LTM4682 Datasheet HTML 43Page - Analog Devices LTM4682 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 130 page
background image
LTM4682
40
Rev. 0
For more information www.analog.com
OPERATION
Mapping Faults to FAULTn Pins
Channel-to-channel fault (including channels from multiple
LTM4682s) dependencies can be created by connecting
FAULTn pins together. In the event of an internal fault, one or
more of the channels is configured to pull the bussed FAULTn
pins low. The other channels are then configured to shut
down when the FAULTn pins are pulled low. For autonomous
group retry, the faulted channel is configured to let go of the
FAULTn pin(s) after a retry interval, assuming the original
fault has cleared. All the channels in the group then begin a
soft-start sequence. If the fault response is LATCH_OFF, the
FAULTn pin remains asserted low until either the RUNn pin
is toggled OFF/ON or the part is commanded OFF/ON. The
toggling of the RUNn either by the pin or OFF/ON command
will clear faults associated with the channel. If it is desired to
have all faults cleared when either the RUNn, pin is toggled
or, set bit 0 of MFR_CONFIG_ALL to a 1.
The status of all faults and warnings is summarized in the
STATUS_WORD and STATUS_BYTE commands.
Additional fault detection and handling capabilities includ-
ing power good pins and CRC protection.
Power Good Pins
The PGOODn pins of the LTM4682 are connected to the
open drains of internal MOSFETs. The MOSFETs turn on and
pull the PGOODn pins low when the channel output volt-
age is not within the channel’s UV and OV voltage thresh-
olds. During TON_DELAY and TON_RISE sequencing, the
PGOODn pin is held low. The PGOODn pin is also pulled
low when the respective RUNn pin is low. The PGOODn pin
response is deglitched by an internal 100µs digital filter. The
PGOODn pin and PGOOD status may be different at times
due to communication latency of up to 10µs.
CRC Protection
The integrity of the NVM memory is checked after a
power on reset. A CRC error will prevent the controller
from leaving the inactive state. If a CRC error occurs, the
CML bit is set in the STATUS_BYTE and STATUS_WORD
commands, the appropriate bit is set in the STATUS_
MFR_SPECIFIC command, and the ALERT_nn pin will
be pulled low. NVM repair can be attempted by writing
the desired configuration to the controller and executing
a STORE_USER_ALL command followed by a CLEAR_
FAULTS command.
The LTM4682 manufacturing section of the NVM is mir-
rored. If both copies are corrupted, the NVM CRC Fault
in the STATUS_MFR_SPECIFIC command is set. If this
bit remains set after being cleared by issuing a CLEAR_
FAULTS or writing a 1 to this bit, an irrecoverable internal
fault has occurred. The user is cautioned to disable both
output power supply rails associated with this specific
part. There are no provisions for field repair of NVM faults
in the manufacturing section.
SERIAL INTERFACE
The LTM4682 serial interface is a PMBus-compliant
subordinate device and can operate at any frequency
between 10kHz and 400kHz. The address is configurable
using either the NVM or an external resistor. In addition,
the LTM4682 always responds to the global broadcast
address of 0x5A (7-bit) or 0x5B (7-bit).
The serial interface supports the following protocols
defined in the PMBus specifications: 1) send command,
2) write byte, 3) write word, 4) group, 5) read byte, 6) read
word, 7) read block and 8) write block. All read opera-
tions will return a valid PEC if the PMBus main device
requests it. If the PEC_REQUIRED bit is set in the MFR_
CONFIG_ALL command, the PMBus write operations will
not be acted upon until a valid PEC has been received by
the LTM4682.
Communication Protection
PEC write errors (if PEC_REQUIRED is active), attempts
to access unsupported commands, or writing invalid data
to supported commands will result in a CML fault. The
CML bit is set in the STATUS_BYTE and STATUS_WORD
commands, the appropriate bit is set in the STATUS_CML
command, and the ALERT pin is pulled low.
DEVICE ADDRESSING
The LTM4682 offers four different types of addressing
over the PMBus interface, specifically: 1) global, 2) device,
3) rail addressing and 4) alert response address (ARA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com