Electronic Components Datasheet Search
  English  ▼

X  

LTM4682 Datasheet(PDF) 14 Page - Analog Devices

Part # LTM4682
Description  Low Profile Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4682 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTM4682 Datasheet HTML 10Page - Analog Devices LTM4682 Datasheet HTML 11Page - Analog Devices LTM4682 Datasheet HTML 12Page - Analog Devices LTM4682 Datasheet HTML 13Page - Analog Devices LTM4682 Datasheet HTML 14Page - Analog Devices LTM4682 Datasheet HTML 15Page - Analog Devices LTM4682 Datasheet HTML 16Page - Analog Devices LTM4682 Datasheet HTML 17Page - Analog Devices LTM4682 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 130 page
background image
LTM4682
14
Rev. 0
For more information www.analog.com
VIN = SVIN = 12V, VOUT = 0.75V, FREQ = 575kHz, IOUT = 31.25A
Single Phase Single Output
12V to 0.75V, No Load Short-
Circuit Protection
Quad Output Concurrent Rail,
Start-Up, Prebias
Quad Output Concurrent Rail,
Shutdown, Prebias
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
VOUT3 = 1.35V
VOUT2 = 1V
VOUT1 = 0.85V
VOUT0 = 0.7V
5ms/DIV
250mV/DIV
4682 G10
FIGURE 48 CIRCUIT, 12VIN, 30A ON VOUT0
NO LOAD ON OTHER OUTPUTS AND 400mV
PREBIAS ON VOUT1
VOUT3 = 1.35V
VOUT2 = 1V
VOUT1 = 0.85V
VOUT0 = 0.7V
FIGURE 48 CIRCUIT, 12VIN, 30A ON VOUT0
NO LOAD ON OTHER OUTPUTS AND 400mV
PREBIAS ON VOUT1
5ms/DIV
250mV/DIV
4682 G11
200µs/DIV
VOUT, 0.75V
500mV/DIV
IIN
2A/DIV
4682 G12
FIGURE 48 CIRCUIT, 12VIN, NO LOAD ON
VOUT0 PRIOR TO APPLICATION OF SHORT-
CIRCUIT USE OF HIGH RANGE OF ILIMIT
SYSTEM SHORT-CIRCUIT USING LOW
IMPEDANCE COPPER ACROSS OUTPUT
(HARD SHORT)
FIGURE 48 CIRCUIT, 12VIN, 31.25A LOAD ON
VOUT0 PRIOR TO APPLICATION OF SHORT-
CIRCUIT USE OF HIGH RANGE OF ILIMIT
SYSTEM SHORT-CIRCUIT USING LOW
IMPEDANCE COPPER ACROSS OUTPUT
(HARD SHORT)
200µs/DIV
VOUT0, 0.75V
500mV/DIV
IIN
2A/DIV
4682 G13
Single Phase Single Output
12V to 0.75V, 31.25A Load Short-
Circuit Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com