Electronic Components Datasheet Search
  English  ▼

X  

LTM4682 Datasheet(PDF) 67 Page - Analog Devices

Part # LTM4682
Description  Low Profile Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4682 Datasheet(HTML) 67 Page - Analog Devices

Back Button LTM4682 Datasheet HTML 63Page - Analog Devices LTM4682 Datasheet HTML 64Page - Analog Devices LTM4682 Datasheet HTML 65Page - Analog Devices LTM4682 Datasheet HTML 66Page - Analog Devices LTM4682 Datasheet HTML 67Page - Analog Devices LTM4682 Datasheet HTML 68Page - Analog Devices LTM4682 Datasheet HTML 69Page - Analog Devices LTM4682 Datasheet HTML 70Page - Analog Devices LTM4682 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 130 page
background image
67
LTM4682
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
command. An example polling loop is shown in Figure 33,
which ensures that commands are processed in order
while simplifying error-handling routines.
When the part receives a new command while it is busy,
it will communicate this condition using standard PMBus
protocol. Depending on the part configuration it may
either NACK the command or return all ones (0xFF) for
reads. It may also generate a BUSY fault and ALERT noti-
fication, or stretch the SCL clock low. For more informa-
tion, refer to PMBus Specification v1.1, Part II, Section
10.8.7, and SMBus v2.0, section 4.3.3. Clock stretching
can be enabled by asserting bit 1 of MFR_CONFIG_ALL.
Clock stretching will only occur if enabled, and the bus
communication speed exceeds 100kHz.
// wait until chip is not busy
do
{
mfrCommonValue = PMBUS_READ_BYTE(0xEF);
partReady = (mfrCommonValue & 0x68) == 0x68;
}while(!partReady)
// now the part is ready to receive the next
command
PMBUS_WRITE_WORD(0x21, 0x2000); //write VOUT_
COMMAND to 2V
Figure 33. Example of a Command Write of VOUT_COMMAND
The PMBus busy protocols are well-accepted standards,
but can make writing system-level software somewhat
complex. The part provides three hand-shaking status
bits, which reduce complexity while enabling robust sys-
tem-level communication.
The three hand-shaking status bits are in the MFR_
COMMON register. When the part is busy executing an
internal operation, it will clear bit 6 of MFR_COMMON
(chip not busy). When the part is busy specifically because
it is in a transitional VOUT state (margining hi/lo, power
off/on, moving to a new output voltage set point, etc.), it
will clear bit 4 of MFR_COMMON (output not in transi-
tion). When internal calculations are in process, the part
will clear bit 5 of MFR_COMMON (calculations not pend-
ing). These three status bits can be polled with a PMBus
read byte of the MFR_COMMON register until all three bits
are set. A command immediately following the status bits
being set will be accepted without NACKing or generat-
ing a BUSY fault/ALERT notification. The part can NACK
commands for other reasons, however, as required by the
PMBus spec (for instance, an invalid command or data).
An example of a robust command write algorithm for the
VOUT_COMMAND register is provided in Figure 33.
It is recommended that all command writes (write byte,
write word, etc.) be preceded with a polling loop to avoid
the extra complexity of dealing with busy behavior and
unwanted ALERT notifications. A simple way to achieve
this is to create a SAFE_WRITE_BYTE() and SAFE_
WRITE_WORD() subroutine. The above polling mecha-
nism allows your software to remain clean and simple
while robustly communicating with the part. For a detailed
discussion of these topics and other special cases,
refer to the Application Note search section feature at
Analog.com.
When communicating using bus speeds at or below
100kHz, the polling mechanism shown here provides a
simple solution that ensures robust communication with-
out clock stretching. At bus speeds in excess of 100kHz,
it is strongly recommended that the part be configured
to enable clock stretching. This requires a PMBus main
device that supports clock stretching. System software
that detects and properly recovers from the standard
PMBus NACK/BUSY faults as described in the PMBus
Specification v1.1, Par II, Section 10.8.7 is required to
communicate. The LTM4682 is not recommended in
applications with bus speeds in excess of 400kHz.
THERMAL CONSIDERATIONS AND OUTPUT
CURRENT DERATING
The thermal resistances reported in the Pin Configuration
section of this data sheet are consistent with those param-
eters defined by JESD51-12. They are intended for use
with finite element analysis (FEA) software modeling
tools that leverage the outcome of thermal modeling,
simulation, and correlation to hardware evaluation per-
formed on a µModule package mounted to a hardware
test board defined by JESD51-9 (Test Boards for Area
Array Surface Mount Package Thermal Measurements).
The motivation for providing these thermal coefficients is
found in JESD51-12 (Guidelines for Reporting and Using
Electronic Package Thermal Information).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com