Electronic Components Datasheet Search
  English  ▼

X  

LTM4682 Datasheet(PDF) 84 Page - Analog Devices

Part # LTM4682
Description  Low Profile Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4682 Datasheet(HTML) 84 Page - Analog Devices

Back Button LTM4682 Datasheet HTML 80Page - Analog Devices LTM4682 Datasheet HTML 81Page - Analog Devices LTM4682 Datasheet HTML 82Page - Analog Devices LTM4682 Datasheet HTML 83Page - Analog Devices LTM4682 Datasheet HTML 84Page - Analog Devices LTM4682 Datasheet HTML 85Page - Analog Devices LTM4682 Datasheet HTML 86Page - Analog Devices LTM4682 Datasheet HTML 87Page - Analog Devices LTM4682 Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 130 page
background image
LTM4682
84
Rev. 0
For more information www.analog.com
PMBus COMMAND DETAILS
A ShortCycle event occurs whenever the PWM channel is commanded back ON, or reactivated, after the part has been
commanded OFF and is processing either the TOFF_DELAY or the TOFF_FALL states. The PWM channel can be turned
ON and OFF through either the RUN pin, and or the PMBus OPERATION command.
If the PWM channel is reactivated during the TOFF_DELAY, the part will perform the following:
1. Immediately tri-state the PWM channel output;
2. Start the retry delay timer as specified by the tOFF(MIN).
3. After the tOFF(MIN) value has expired, the PWM channel will proceed to the TON_DELAY state and the STATUS_
MFR_SPECIFIC bit #1 will assert.
If the PWM channel is reactivated during the TOFF_FALL, the part will perform the following:
1. Stop ramping down the PWM channel output;
2. Immediately tri-state the PWM channel output;
3. Start the retry delay timer as specified by the tOFF(MIN).
4. After the tOFF(MIN) value has expired, the PWM channel will proceed to the TON_DELAY state, and the STATUS_
MFR_SPEFIFIC bit #1 will assert.
If the ShortCycle event occurs and the ShortCycle MFR_CHAN_CONFIG bit is not set, the PWM channel state machine
will complete its TOFF_DELAY and TOFF_FALL operations as previously commanded by the user.
MFR_CONFIG_ALL
General purpose configuration command common to multiple Analog Devices’ products.
BIT MEANING
7
Enable fault logging.
6
Ignore resistor configuration pins.
5
Mask PMBus, Part II, Section 10.9.1 Violations.
4
Disable SYNC output.
3
Enable 255ms PMBus timeout.
2
A valid PEC is required for PMBus writes to be accepted. If this bit is not
set, the part will accept commands with invalid PEC.
1
Enable the use of PMBus clock stretching.
0
Execute CLEAR_FAULTS on the rising edge of either RUN pin.
This command has one data byte.
ON/OFF/MARGIN
COMMAND NAME
CMD
CODE
DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
ON_OFF_CONFIG
0x02
RUN pin and PMBus bus on/off command configuration. R/W Byte
Y
Reg
Y
0x1E
OPERATION
0x01
Operating mode control. On/off, margin high, and
margin low.
R/W Byte
Y
Reg
Y
0x80
MFR_RESET
0xFD
Commanded reset without requiring a power-down.
Send Byte
N
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com