Electronic Components Datasheet Search
  English  ▼

X  

LTM4682 Datasheet(PDF) 44 Page - Analog Devices

Part # LTM4682
Description  Low Profile Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4682 Datasheet(HTML) 44 Page - Analog Devices

Back Button LTM4682 Datasheet HTML 40Page - Analog Devices LTM4682 Datasheet HTML 41Page - Analog Devices LTM4682 Datasheet HTML 42Page - Analog Devices LTM4682 Datasheet HTML 43Page - Analog Devices LTM4682 Datasheet HTML 44Page - Analog Devices LTM4682 Datasheet HTML 45Page - Analog Devices LTM4682 Datasheet HTML 46Page - Analog Devices LTM4682 Datasheet HTML 47Page - Analog Devices LTM4682 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 130 page
background image
LTM4682
44
Rev. 0
For more information www.analog.com
OPERATION
applies primarily to the MFR_FAULT_LOG command. The
timeout period defaults to 32ms.
The user is encouraged to use as high a clock rate as
possible to maintain efficient data packet transfer between
all devices sharing the serial bus interface. The LTM4682
supports the full PMBus frequency range from 10kHz
to 400kHz.
SIMILARITY BETWEEN PMBus, SMBus AND I2C
2-WIRE INTERFACE
The PMBus 2-wire interface is an incremental extension of
the SMBus. The SMBus is built upon I2C with some minor
differences in timing, DC parameters, and protocol. The
PMBus/SMBus protocols are more robust than simple I2C
byte commands because PMBus/SMBus provide time-
outs to prevent persistent bus errors and optional packet
error checking (PEC) to ensure data integrity. In general,
a main device that can be configured for I2C communica-
tion can be used for PMBus communication with little or
no change to hardware or firmware. Repeat start (restart)
is not supported by all I2C controllers but is required for
SMBus/PMBus reads. If a general-purpose I2C controller
is used, check that repeat start is supported.
The LTM4682 supports the maximum SMBus clock
speed of 100kHz and is compatible with the higher speed
PMBus specification (between 100kHz and 400kHz) if
MFR_COMMON polling or clock stretching is enabled. For
robust communication and operation see the Note section
in the PMBus Command Summary section. Clock stretch-
ing is enabled by asserting bit 1 of MFR_CONFIG_ALL.
For a description of the minor extensions and exceptions
PMBus makes to SMBus, refer to PMBus Specification
Part 1 Revision 1.2: Paragraph 5: Transport. To describe
the differences between SMBus and I2C, refer to System
Management Bus (SMBus) Specification Version 2.0:
Appendix B—Differences Between SMBus and I2C.
PMBus SERIAL DIGITAL INTERFACE
The LTM4682 communicates with a host (main device)
using the standard PMBus serial bus interface. The
PMBus Timing Diagram, Figure 6, shows the timing rela-
tionship of the signals on the bus. The two-bus lines,
SDA and SCL, must be high when the bus is not in use.
External pull-up resistors or current sources are required
on these lines. The LTM4682 is a subordinate device. The
main device can communicate with the LTM4682 using
the following formats.
n
Main Transmitter, Subordinate Receiver
n
Main Receiver, Subordinate Transmitter
The following PMBus protocols are supported.
n
Write Byte, Write Word, Send Byte
n
Read Byte, Read Word, Block Read, Block Write
n
Alert Response Address
Figure 7 to Figure 24 illustrate the aforementioned PMBus
protocols. All transactions support PEC and GCP (group
command protocol). The Block Read supports 255 bytes
of returned data. For this reason, the PMBus timeout may
be extended when reading the fault log.
Figure 7 is the key to the protocol diagrams in this section.
PEC is optional. A value shown below a field in Figure 7 to
Figure 24 is a mandatory value for that field.
The data formats implemented by PMBus are:
n
Main transmitter transmits to an subordinate receiver.
The transfer direction, in this case, has not been
changed.
n
Main device reads the subordinate immediately after
the first byte. At the moment of the first acknowledge-
ment (provided by the subordinate receiver), the main
transmitter becomes a main receiver, and the subordi-
nate receiver becomes the subordinate transmitter.
n
Combined format. During a change of direction within
a transfer, the main device repeats both a start condi-
tion and the subordinate address but with the R/W bit
reversed. In this case, the main receiver terminates the
transfer by generating a NACK on the last byte of the
transfer and a STOP condition.
See Figure 7 for a legend.
Handshaking features are included to ensure robust sys-
tem communication. See the PMBus Communication and
Command Processing subsection of the Applications
Information section for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com