Electronic Components Datasheet Search
  English  ▼

X  

LTM4682 Datasheet(PDF) 69 Page - Analog Devices

Part # LTM4682
Description  Low Profile Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4682 Datasheet(HTML) 69 Page - Analog Devices

Back Button LTM4682 Datasheet HTML 65Page - Analog Devices LTM4682 Datasheet HTML 66Page - Analog Devices LTM4682 Datasheet HTML 67Page - Analog Devices LTM4682 Datasheet HTML 68Page - Analog Devices LTM4682 Datasheet HTML 69Page - Analog Devices LTM4682 Datasheet HTML 70Page - Analog Devices LTM4682 Datasheet HTML 71Page - Analog Devices LTM4682 Datasheet HTML 72Page - Analog Devices LTM4682 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 130 page
background image
69
LTM4682
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
parameters defined by JESD51-12 or provided in the Pin
Configuration section replicates or conveys normal oper-
ating conditions of a µModule regulator. For example, in
normal board-mounted applications, never does 100%
of the device’s total power loss (heat) thermally conduct
exclusively through the top or exclusively through the
bottom of the µModule package—as the standard defines
for θJCtop and θJCbottom, respectively. In practice, power
loss is thermally dissipated in both directions away from
the package—granted, in the absence of a heat sink and
airflow, a majority of the heat flow is into the board.
Within the LTM4682, be aware that there are multiple
power devices and components dissipating power, with
the consequence that the thermal resistances relative to
different junctions of components or die are not exactly
linear to total package power loss. To reconcile this com-
plication without sacrificing modeling simplicity—but
also, not ignoring practical realities—an approach has
been taken using FEA software modeling along with lab-
oratory testing in a controlled-environment chamber to
reasonably define and correlate the thermal resistance
values supplied in this data sheet: (1) Initially, FEA soft-
ware is used to accurately build the mechanical geometry
of the LTM4682 and the specified PCB with all of the cor-
rect material coefficients along with accurate power loss
source definitions; (2) this model simulates a software-
defined JEDEC environment consistent with JESD51-9
and JESD51-12 to predict power loss heat flow and
temperature readings at different interfaces that enable
the calculation of the JEDEC-defined thermal resistance
values; (3) the model and FEA software is used to evalu-
ate the LTM4682 with heat sink, and airflow; (4) having
solved for and analyzed these thermal resistance values
and simulated various operating conditions in the soft-
ware model, a thorough laboratory evaluation replicates
the simulated conditions with thermocouples within
a controlled environment chamber while operating the
device at the same power loss as that which was sim-
ulated. The outcome of this process and due diligence
yields the set of derating curves provided in later sections
of this data sheet, along with well-correlated JESD51-12-
defined θ values provided in the Pin Configuration section
of this data sheet.
The 5V, 8V, and 12V power loss curves in Figure 35,
Figure 36, and Figure 37, respectively, can be used in coor-
dination with the load current derating curves in Figure 41
to Figure 46 for calculating an approximate θJA thermal
resistance for the LTM4682 with various airflow condi-
tions and without heat sinks. These thermal resistances
represent the demonstrated performance of the LTM4682
on hardware, an 8-layer FR4 PCB measuring 215mm ×
160mm × 1.6mm using 2oz copper on all layers. The
power loss curves are taken at room temperature, and
are increased with multiplicative factors of 1.35 when the
junction temperature reaches 125°C. The derating curves
are plotted with the LTM4682’s paralleled outputs initially
sourcing up to 120A and the ambient temperature at 25°C.
The output voltages are 0.75V, 1V and 1.35V. These are
chosen to include the lower and higher output voltage
ranges to correlate the thermal resistance. Thermal mod-
els are derived from several temperature measurements
in a controlled temperature chamber, along with thermal
modeling analysis. The junction temperatures are moni-
tored while the ambient temperature is increased with
and without airflow.
The power loss increase with ambient temperature
change is factored into the derating curves. The junc-
tions are maintained at 125°C maximum while lower-
ing output current or power while increasing ambient
temperature. The decreased output current decreases
the internal module loss as the ambient temperature is
increased. The monitored junction temperature of 125°C
minus the ambient operating temperature specifies how
much module temperature rise can be allowed. As an
example in Figure 43, the load current is derated to ~80A
at ~67°C ambient with no air or heat sink, and the room
temperature (25°C) power loss for this 12VIN to 1VOUT at
80AOUT condition is ~9.7W. A 13.1W loss is calculated by
multiplying the ~9.7W room temperature loss from the
12VIN to 1VOUT power loss curve at 80A (Figure 37), with
the 1.35 multiplying factor. If the 67°C ambient tempera-
ture is subtracted from the 125°C junction temperature,
then the difference of 58°C divided by 13.1W yields a
thermal resistance, θJA, of 4.4°C/W—in good agreement
with the value derived from thermal simulation shown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com