Electronic Components Datasheet Search
  English  ▼

X  

LTM4682 Datasheet(PDF) 29 Page - Analog Devices

Part # LTM4682
Description  Low Profile Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4682 Datasheet(HTML) 29 Page - Analog Devices

Back Button LTM4682 Datasheet HTML 25Page - Analog Devices LTM4682 Datasheet HTML 26Page - Analog Devices LTM4682 Datasheet HTML 27Page - Analog Devices LTM4682 Datasheet HTML 28Page - Analog Devices LTM4682 Datasheet HTML 29Page - Analog Devices LTM4682 Datasheet HTML 30Page - Analog Devices LTM4682 Datasheet HTML 31Page - Analog Devices LTM4682 Datasheet HTML 32Page - Analog Devices LTM4682 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 130 page
background image
29
LTM4682
Rev. 0
For more information www.analog.com
OPERATION
from a CRC issue is not recommended. All power sup-
ply rails associated with either PWM channel of a device
reporting an invalid CRC should remain disabled until the
issue is resolved. See the Applications Information sec-
tion or contact the factory for more details on efficient in-
system EEPROM programming, including bulk EEPROM
Programming, which the LTM4682 also supports.
The LTM4682 contains two dual internal constant fre-
quency current mode control buck regulators (Channel 0
and Channel 1, and Channel 2 and Channel 3) and whose
power MOSFETs are capable of fast switching speed.
Reference to the signal pins will be Name_nn, where n is
either 01 or 23, or with namen when referring to signal pins
that are related to the actual channel. The factory NVM-
default switching frequency clocks SYNC_nn at 575kHz, to
which the regulators synchronize their switching frequency.
The default phase-interleaving angle between the channels
is 180°. A pin-strapping resistor on FSWPH_nn_CFG con-
figures the frequency of the SYNC_nn clock (switching
frequency) and the channel phase relationship of the chan-
nels to each other and for the falling edge of the SYNC_nn
signal. (Most possible combinations of the switching fre-
quency and the phase-angle assignments are settleable
by the resistor pin programming; see Table 3. Configure
the LTM4682’s NVM to implement settings unavailable
by resistor-pin strapping.) When a FSWPH_nn_CFG pin-
strap resistor sets the channel phase relationship of the
LTM4682’s channels, the SYNC_nn clock is not driven by
the module. Instead, SYNC_nn becomes strictly a high
impedance input, and the channel switching frequency is
then synchronized to SYNC_nn provided by an externally-
generated clock or sibling LTM4682 with a pull-up resistor
to VDD33_nn. Switching frequency and phase relationship
can be altered through the I2C interface, but only when the
switching action is off, i.e., when the module is not regulat-
ing the outputs. See the Applications Information section
for more details.
Programmable analog feedback loop compensation for
Channel 0 to Channel 3 is accomplished with a capaci-
tor connection from COMPna to SGND, and a capacitor
from COMPnb to SGND.) The COMPnb pin is for the
high frequency gain roll-off and is the gm amplifier out-
put that has a programmable range, and the COMPna
pin has the programmable resistor range, along with a
capacitor to SGND that sets the frequency compensa-
tion. See the Programmable Loop Compensation section.
The LTM4682 module has sufficient stability margins and
good transient performance with a wide range of output
capacitors—even all-ceramic MLCCs. Table 13 provides
guidance on input and output capacitors recommended
for many common operating conditions, along with
the programmable compensation settings. The Analog
Devices LTpowerCAD® tool is available for transient and
stability analysis, and experienced users who prefer to
adjust the module’s feedback loop compensation param-
eters can use this tool.
POWER-UP AND INITIALIZATION
The LTM4682 is designed to provide standalone supply
sequencing and controlled turn-on and turn-off operation.
It operates from a single input supply (4.5V to 16V) while
three on-chip linear regulators generate internal 2.5V,
3.3V, and 5.5V per controller. If the VINnn does not exceed
5.75V, and the VBIAS pin is turned off, the INTVCC, VINnn
and SVIN_nn pins must be connected together. The con-
troller configuration is initialized by an internal threshold-
based UVLO where VINnn must be approximately 4V, and
the 5.5V, 3.3V, and 2.5V linear regulators must be within
approximately 20% of the regulated values. In addition
to the power supply, a PMBus RESTORE_USER_ALL or
MFR_RESET command can initialize the part, too.
The VBIAS pin is the output of an internal 5.5V buck regula-
tor to improve the efficiency of the circuit and minimize
power loss on the LTM4682. The VBIAS pin must exceed
approximately 4.8V, and VIN must exceed 7V before the
INTVCC LDO operates from the VBIAS pin. The VBIAS regu-
lator is powered from VIN_VBIAS and enabled with RUNP.
During initialization, the external configuration resistors
are identified and/or contents of the NVM are read into the
controller’s commands, and the power train is held off. The
RUNn, FAULTn, and PGOODn are held low. The LTM4682
will use the contents of Table 1 through Table 5 to determine
the resistor-defined parameters. See the RCONFIG (Resistor
Configuration) Pins section for more details. The resistor
configuration pins only control some of the preset values
of the controller. The remaining values are programmed in
NVM either at the factory or by the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com