Electronic Components Datasheet Search
  English  ▼

X  

LTM4682 Datasheet(PDF) 21 Page - Analog Devices

Part # LTM4682
Description  Low Profile Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4682 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTM4682 Datasheet HTML 17Page - Analog Devices LTM4682 Datasheet HTML 18Page - Analog Devices LTM4682 Datasheet HTML 19Page - Analog Devices LTM4682 Datasheet HTML 20Page - Analog Devices LTM4682 Datasheet HTML 21Page - Analog Devices LTM4682 Datasheet HTML 22Page - Analog Devices LTM4682 Datasheet HTML 23Page - Analog Devices LTM4682 Datasheet HTML 24Page - Analog Devices LTM4682 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 130 page
background image
21
LTM4682
Rev. 0
For more information www.analog.com
VIN_VBIAS (N9): Input pin to the internal step down regula-
tor that produces 5.5V (VBIAS pin) to power both internal
controllers to reduce power dissipation after power up.
Each internal controller has an INTVCC_01 or INTVCC_23
regulator that is powered from SVIN_01 or SVIN_23. To
eliminate this power loss through these linear regulators,
the VBIAS powers both at very high efficiency.
VBIAS (N10): A 5.5V step down output that powers both
internal controllers to reduce power loss. It provides
a 22µF ceramic bypass capacitor on this pin to GND.
SVIN_01 and SVIN_23 must be higher than 7V for this
VBIAS to supply the controllers. When the input voltage
is between 4.5V to 5.75V, pull the RUNP pin to GND, and
connect SVIN_01 and SVIN_23 to INTVCC_01 and INTVCC_23,
respectively. Powering up the VBIAS regulator with the
SVIN_01 and SVIN_23 greater than 7V will power the
INTVCC_01, INTVCC_02, the VDD33_01, VDD33_23, VDD25_01,
and VDD25_23 from VBIAS. Otherwise, these sources will
get their power from SVIN_01 and SVIN_23. This will allow
the programming each internal controller’s EEPROM with
the power regulator channels in the off position.
RUNP (N11): This pin enables the Internal 5.5V VBIAS step
down regulator. Pulling this pin above 0.85V will enable
the Internal regulator. The pin is rated to VIN, so connect
to VIN to enable, and connect to GND to disable. When the
input voltage is between 4.5V to 5.75V, pull the RUNP pin
to GND, and connect SVIN_01 and SVIN_23 to INTVCC_01
and INTVCC_23, respectively.
VOUT2 (N13-N15, P13-P15, R13-R15, T13-T15, U13-
U15): Channel 2 Output Voltage. Place the recommended
output capacitors from this shape to GND. See the Layout
Checklist/Example section.
SW2 (P1-P2, R1-R2, T1-T2): Switching Node of Channel 2
Step-Down Converter Stage. Used for test purposes or
EMI-snubbing. It may be routed a short distance to a
local test point to monitor switching action of Channel 2,
if desired, but do not route near any sensitive signals.
Otherwise, leave it open.
VOSNS2+ (P8): Channel 2 Positive Differential Voltage
Sense Input. Together, VOSNS2+ and VOSNS2– serve to
Kelvin-sense the VOUT2 output voltage at VOUT2’s POL and
provide the differential feedback signal directly to Channel
2’s feedback loop. Command VOUT2’s target regulation
voltage by serial bus. Its initial command value at SVIN_23
power-up is dictated by NVM contents (factory default:
0.75V)—or, optionally, may be set by configuration resis-
tors; see VOUT2_CFG, VTRIM2_CFG and the Applications
Information section.
IIN_23– (P9): Negative Current Sense Amplifier Input. If
the input current sense amplifier is not used, this pin
must be shorted to the IIN_23+ and SVIN_23 pin. See the
Applications Information section for more details about
the input current sensing.
INTVCC_23 (P10): Internal Regulator, 5.5V Output. When
operating the LTM4682 from 5.75V ≤ SVIN_23 ≤ 16V, an
internal LDO generates INTVCC_23 from SVIN_23 to bias
internal control circuits and the MOSFET drivers of the
LTM4682’s Channels 2 and 3. An external 4.7µF ceramic
decoupling i capacitor s required. INTVCC_23 is on regu-
lated regardless of the RUNn pin state. When operating
the LTM4682 with 4.5V ≤ SVIN_23 < 5.75V, INTVCC_23
must be electrically shorted to SVIN_23, and the RUNP
pin must be pulled to GND. VBIAS takes over after startup
when the input voltage is greater than 7V.
SVIN_23 (P11): Input Supply for LTM4682’s Internal
Control IC for Channels 2 and 3. In most applications,
SVIN_23 connects to VIN_23. SVIN_23 can be operated
from an auxiliary supply separate from VIN23 for power-
ing the VIN23 from a lower supply like 6V. The SVIN_23
pin requires 1Ω and 1µF decoupling capacitor to measure
the actual control chip current. The 1Ω resistor is used
to measure the actual control chip current. See MFR_
READ_ICHIP and MFR_ADC_CONTROL COMMAND sec-
tion. When operating from 4.5V to 5.75V with no auxiliary
bias supply, then the main input supply should connect to
SVIN_23 and INTVCC_23. See Test Circuit 2 for an example.
In this configuration, the ICHIP current will not be relevant
since INTVCC_23 is connected to SVIN_23.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com