Electronic Components Datasheet Search
  English  ▼

X  

LTM4682 Datasheet(PDF) 63 Page - Analog Devices

Part # LTM4682
Description  Low Profile Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4682 Datasheet(HTML) 63 Page - Analog Devices

Back Button LTM4682 Datasheet HTML 59Page - Analog Devices LTM4682 Datasheet HTML 60Page - Analog Devices LTM4682 Datasheet HTML 61Page - Analog Devices LTM4682 Datasheet HTML 62Page - Analog Devices LTM4682 Datasheet HTML 63Page - Analog Devices LTM4682 Datasheet HTML 64Page - Analog Devices LTM4682 Datasheet HTML 65Page - Analog Devices LTM4682 Datasheet HTML 66Page - Analog Devices LTM4682 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 130 page
background image
63
LTM4682
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
CHECKING TRANSIENT RESPONSE
The regulator loop response can be checked by looking at
the load current transient response. Switching regulators
take several cycles to respond to a step in DC (resistive)
load current. When a load step occurs, VOUT shifts by an
amount equal to ∆ILOAD • ESR, where ESR is the effective
series resistance of COUT. ∆ILOAD also begins to charge or
discharge COUT, generating the feedback error signal that
forces the regulator to adapt to the current change and
return VOUT to its steady-state value. During this recovery
time, VOUT can be monitored for excessive overshoot or
ringing, indicating a stability problem. The availability of
the COMP pin not only allows optimization of control loop
behavior but also provides a DC-coupled and AC-filtered
closed-loop response test point. The DC step, rise time,
and settling at this test point truly reflect the closed-loop
response. Assuming a predominantly second-order sys-
tem, phase margin and/or damping factor can be esti-
mated using the percentage of overshoot seen at this
pin. The bandwidth can also be estimated by examining
the rise time at the pin. The COMPna external capaci-
tor shown in the Typical Application circuit section will
provide an adequate starting point for most applications.
The programmable parameters that affect loop gain are
the voltage range, bit[1] of the MFR_PWM_MODE com-
mand, the current range bit[7] of the MFR_PWM_MODE
command, the gm of the PWM channel amplifier bits [7:5]
of MFR_PWM_COMP, and the internal RCOMP compensa-
tion resistor, bits[4:0] of MFR_PWM_COMP. Be sure to
establish these settings before compensation calculation.
The COMPna series internal RCOMPn and external CCOMPna
filter sets the dominant pole-zero loop compensation. The
internal RCOMPn value can be modified (from 0Ω to 62k)
using bits[4:0] of the MFR_PWM_COMP command. Adjust
the value of RCOMPn to optimize transient response once
the final PCB layout is done and the particular CCOMPbn
filter capacitor and output capacitor type and value have
been determined. The output capacitors must be selected
because the various types and values determine the loop
gain and phase. An output current pulse of 20% to 80%
of full-load current having a rise time of 1µs to 10µs will
produce output voltage and COMP pin waveforms that will
give a sense of the overall loop stability without break-
ing the feedback loop. Placing a power MOSFET with a
resistor to the ground directly across the output capacitor
and driving the gate with an appropriate signal generator
is a practical way to produce a load step. The MOSFET
+ RSERIES will produce output currents approximately
equal to VOUT/RSERIES. RSERIES values from 0.1Ω to 2Ω
are valid depending on the current limit settings and the
programmed output voltage. The initial output voltage step
resulting from the step change in output current may not
be within the bandwidth of the feedback loop, so this signal
cannot be used to determine the phase margin. This is why
it is better to look at the COMP pin signal, which is in the
feedback loop and is the filtered and compensated control
loop response. The gain of the loop will be increased by
increasing RCOMP, and the bandwidth of the loop will be
increased by decreasing CCOMPna. If RCOMP is increased
by the same factor that CCOMP is decreased, the zero fre-
quency will be kept the same, thereby keeping the phase
shift the same in the most critical frequency range of the
feedback loop. The gain of the loop will be proportional to
the transconductance of the error amplifier, gm, which is
set using bits[7:5] of the MFR_PWM_COMP command.
The output voltage settling behavior is related to the sta-
bility of the closed-loop system and will demonstrate the
actual overall supply performance. A second, more severe
transient is caused by switching in loads with large (>1µF)
Figure 29. RCOMP Adjust
INCREASE RCOMPn
FREQUENCY
4682 F29
GAIN
TYPE II COMPENSATION
Adjusting the RCOMP will change the pole and zero loca-
tion, as shown in Figure 29. It is recommended that the
user determines the appropriate value for the gm and
RCOMPn using the LTpowerCAD tool.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com