Electronic Components Datasheet Search
  English  ▼

X  

LTM4682 Datasheet(PDF) 70 Page - Analog Devices

Part # LTM4682
Description  Low Profile Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4682 Datasheet(HTML) 70 Page - Analog Devices

Back Button LTM4682 Datasheet HTML 66Page - Analog Devices LTM4682 Datasheet HTML 67Page - Analog Devices LTM4682 Datasheet HTML 68Page - Analog Devices LTM4682 Datasheet HTML 69Page - Analog Devices LTM4682 Datasheet HTML 70Page - Analog Devices LTM4682 Datasheet HTML 71Page - Analog Devices LTM4682 Datasheet HTML 72Page - Analog Devices LTM4682 Datasheet HTML 73Page - Analog Devices LTM4682 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 130 page
background image
LTM4682
70
Rev. 0
For more information www.analog.com
Figure 35. 5VIN Power Loss Curve
Figure 38. 5VIN to 0.75VOUT
Derating Curve, No Heatsink
Figure 36. 8VIN Power Loss Curve
Figure 39. 8VIN to 0.75VOUT Derating
Curve, No Heatsink
Figure 37. 12VIN Power Loss Curve
Figure 40. 12VIN to 0.75VOUT Derating
Curve, No Heatsink
APPLICATIONS INFORMATION-DERATING CURVES
Figure 41. 5VIN to 1VOUT
Derating Curve, No Heat Sink
Figure 42. 8VIN to 1VOUT Derating
Curve, No Heat Sink
Figure 43. 12VIN to 1VOUT Derating
Curve, No Heat Sink
0LFM
200LFM
400LFM
TEMPERATURE (°C)
0
20
40
60
80
100
120
0
20
40
60
80
100
120
140
4682 F38
0LFM
200LFM
400LFM
TEMPERATURE (°C)
0
20
40
60
80
100
120
0
20
40
60
80
100
120
140
4682 F39
0LFM
200LFM
400LFM
TEMPERATURE (°C)
0
20
40
60
80
100
120
0
20
40
60
80
100
120
140
4682 F40
0LFM
200LFM
400LFM
TEMPERATURE (°C)
0
20
40
60
80
100
120
0
20
40
60
80
100
120
140
4682 F41
0LFM
200LFM
400LFM
TEMPERATURE (°C)
0
20
40
60
80
100
120
0
20
40
60
80
100
120
140
4682 F42
0LFM
200LFM
400LFM
TEMPERATURE (°C)
0
20
40
60
80
100
120
0
20
40
60
80
100
120
140
4682 F43
0LFM
200LFM
400LFM
TEMPERATURE (°C)
0
20
40
60
80
100 120 140
0
2
4
6
8
10
12
14
16
18
20
22
4682 F35
0LFM
200LFM
400LFM
TEMPERATURE (°C)
0
20
40
60
80
100 120 140
0
2
4
6
8
10
12
14
16
18
20
22
4682 F36
0LFM
200LFM
400LFM
TEMPERATURE (°C)
0
20
40
60
80
100 120 140
0
2
4
6
8
10
12
14
16
18
20
22
4682 F37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com