Electronic Components Datasheet Search
  English  ▼

X  

MP6508A Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP6508A
Description  2.7V to 18V, 1.2A, Bipolar Stepper Motor Driver in a QFN-16 (3mmx3mm) Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6508A Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP6508A Datasheet HTML 1Page - Monolithic Power Systems MP6508A Datasheet HTML 2Page - Monolithic Power Systems MP6508A Datasheet HTML 3Page - Monolithic Power Systems MP6508A Datasheet HTML 4Page - Monolithic Power Systems MP6508A Datasheet HTML 5Page - Monolithic Power Systems MP6508A Datasheet HTML 6Page - Monolithic Power Systems MP6508A Datasheet HTML 7Page - Monolithic Power Systems MP6508A Datasheet HTML 8Page - Monolithic Power Systems MP6508A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
MP6508A
– 18V, 1.2A STEPPER MOTOR DRIVER IN A QFN-16 (3MMx3MM) PACKAGE
MP6508A Rev. 1.0
MonolithicPower.com
2
4/12/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
MSL Rating
MP6508AGQ*
QFN-16 (3mmx3mm)
See Below
1
* For Tape & Reel, add suffix -Z (e.g. MP6508AGQ-Z).
TOP MARKING
BXH: Product code
Y: Year code
LLLL: Lot number
PACKAGE REFERENCE
SENA
AOUT2
SENB
VIN
GND
VDD
BST
1
2
3
4
12
11
10
9
BOUT2
Exposed pad on
backside
connected to GND
MP6508A
QFN-16 (3mmx3mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com