Electronic Components Datasheet Search
  English  ▼

X  

MP6508A Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP6508A
Description  2.7V to 18V, 1.2A, Bipolar Stepper Motor Driver in a QFN-16 (3mmx3mm) Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6508A Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP6508A Datasheet HTML 5Page - Monolithic Power Systems MP6508A Datasheet HTML 6Page - Monolithic Power Systems MP6508A Datasheet HTML 7Page - Monolithic Power Systems MP6508A Datasheet HTML 8Page - Monolithic Power Systems MP6508A Datasheet HTML 9Page - Monolithic Power Systems MP6508A Datasheet HTML 10Page - Monolithic Power Systems MP6508A Datasheet HTML 11Page - Monolithic Power Systems MP6508A Datasheet HTML 12Page - Monolithic Power Systems MP6508A Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
MP6508A
– 18V, 1.2A STEPPER MOTOR DRIVER IN A QFN-16 (3MMx3MM) PACKAGE
MP6508A Rev. 1.0
MonolithicPower.com
9
4/12/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
OPERATION
The MP6508A is a stepper motor driver that
integrates eight N-channel power MOSFETs
connected as two, internal full-bridges. The
device can deliver an output current (IOUT) up to
1.2A across a 2.7V to 18V input voltage (VIN)
range. It can drive a stepper motor or two DC
motors.
The
MP6508A’s IOUT can be controlled by either
an external or internal pulse-width modulation
(PWM) current controller. Fault protections
include over-current protection (OCP), under-
voltage lockout (UVLO), and over-temperature
protection (OTP). The device also provides low-
power sleep mode.
External
Pulse-Width
Modulation
(PWM)
Current Control
For external PWM current control, IOUT can be
regulated by applying external PWM signals on
the input pins (AIN1, AIN2, BIN1, and BIN2).
For phase A, AIN1 and AIN2 control the AOUT1
and AOUT2 states. Similarly, for phase B, BIN1
and BIN2 control the BOUT1 and BOUT2
states.
Figure 2 shows the input signal logic and bridge
output states.
Gate
Driver
Motor
VIN
AOUT1
AOUT2
AIN1
AIN2
SENA
Winding A
RSENA
VTRIP
Figure 2: Full-Bridge Control Circuit
Table 1 shows the full-bridge gate logic.
Table 1: Full-Bridge Gate Logic
AIN1 and
BIN1
AIN2 and
BIN2
AOUT1 and
BOUT1
AOUT2 and
BOUT2
Low
Low
Hi-Z
Hi-Z
Low
High
GND
VIN
High
Low
VIN
GND
High
High
GND
GND
In external PWM control mode, the
winding’s
inductor current (IL) ramps up when the high-
side MOSFET (HS-FET) is on and freewheels
during the HS-FET
’s off time (tOFF) to generate
the recirculation current.
There are two modes for this recirculation
current: slow decay and fast decay. Figure 3
shows the two modes for forward operation.
VIN
AOUT1
AOUT2
Slow Decay
Fast Decay
Forward
Figure 3: Forward Operation
Figure 4 shows slow decay and fast decay for
reverse operation.
VIN
AOUT1
AOUT2
Slow Decay
Fast Decay
Reverse
Figure 4: Reverse Operation
In slow decay mode, the current circulates
through the two low-side MOSFETs (LS-FETs).
In fast decay mode, the current flows through
the body diodes of the other two diagonal
MOSFETs.
To configure the MP6508A for fast decay mode,
apply the PWM signal to one input pin and keep



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com