Electronic Components Datasheet Search
  English  ▼

X  

MP6508A Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP6508A
Description  2.7V to 18V, 1.2A, Bipolar Stepper Motor Driver in a QFN-16 (3mmx3mm) Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6508A Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP6508A Datasheet HTML 9Page - Monolithic Power Systems MP6508A Datasheet HTML 10Page - Monolithic Power Systems MP6508A Datasheet HTML 11Page - Monolithic Power Systems MP6508A Datasheet HTML 12Page - Monolithic Power Systems MP6508A Datasheet HTML 13Page - Monolithic Power Systems MP6508A Datasheet HTML 14Page - Monolithic Power Systems MP6508A Datasheet HTML 15Page - Monolithic Power Systems MP6508A Datasheet HTML 16Page - Monolithic Power Systems MP6508A Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
MP6508A
– 18V, 1.2A STEPPER MOTOR DRIVER IN A QFN-16 (3MMx3MM) PACKAGE
MP6508A Rev. 1.0
MonolithicPower.com
13
4/12/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
PCB Layout Guidelines
Efficient PCB layout using a heavy ground
plane is critical for stable operation. For the
best results, refer to Figure 8 and follow the
guidelines below:
1. Solder the MP6508A directly on the board
to
improve
electrical
and
thermal
performance.
2. Place the sense resistors as close as
possible to the MP6508A for accurate
current detection.
3. Use an exposed pad to provides a path for
enhanced thermal dissipation.
4. Solder the thermal pad directly to the
copper on the PCB.
5. Use thermal vias to transfer heat to the
other layers of the PCB.
Top Layer
Bottom Layer
Figure 8: Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com