Electronic Components Datasheet Search
  English  ▼

X  

MP6508A Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP6508A
Description  2.7V to 18V, 1.2A, Bipolar Stepper Motor Driver in a QFN-16 (3mmx3mm) Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6508A Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP6508A Datasheet HTML 7Page - Monolithic Power Systems MP6508A Datasheet HTML 8Page - Monolithic Power Systems MP6508A Datasheet HTML 9Page - Monolithic Power Systems MP6508A Datasheet HTML 10Page - Monolithic Power Systems MP6508A Datasheet HTML 11Page - Monolithic Power Systems MP6508A Datasheet HTML 12Page - Monolithic Power Systems MP6508A Datasheet HTML 13Page - Monolithic Power Systems MP6508A Datasheet HTML 14Page - Monolithic Power Systems MP6508A Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
MP6508A
– 18V, 1.2A STEPPER MOTOR DRIVER IN A QFN-16 (3MMx3MM) PACKAGE
MP6508A Rev. 1.0
MonolithicPower.com
11
4/12/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
Sleep Mode
The MP6508A provides low-power standby
sleep mode. Pull the nSLEEP pin logic low to
enable low-power sleep mode. In this state, the
two full-bridges are disabled and the internal
circuits such as the gate drive, internal regulator,
and charge pump all shut down. Pull nSLEEP
logic high to wake up the MP6508A from sleep
mode. Approximately 1ms must pass before the
internal circuitry stabilizes.
Blanking Time
A current spike typically occurs during the
switching transition due to the
body diode’s
reverse-recovery current, or the distributed
inductance or capacitance. This current spike
requires filtering to prevent it from erroneously
shutting down the HS-FET. An internal tBLANK
blanks the current-sense comparator
’s output
when the outputs are switched, which is also
the HS-
FET’s minimum on time (tON).
Enable
If all the inputs (AIN1, AIN2, BIN1, and BIN2)
are logic low, the MP6508A
’s outputs are
disabled while the charger pump and internal
regulator remain active.
Synchronous Rectifier (SR) Mode
The MP6508A enters synchronous rectifier (SR)
mode during the constant tOFF when IOUT
exceeds the current limit threshold, and the
load current freewheels in slow decay SR mode.
In slow decay mode, the current freewheels
through one LS-FET and the other LS-FET
’s
body diode to short the winding. SR mode
enables both LS-FETs, which provide a lower
voltage drop and power dissipation during
decay operation.
Over-Current Protection (OCP)
The over-current protection (OCP) circuit limits
the current through the FET by disabling the
gate driver. If the over-current (OC) limit
threshold is reached and lasts for longer than
the OC deglitch time, all the MOSFETs in the
H-bridge are disabled and the nFAULT pin is
pulled low. The driver remains disabled and is
enabled again after 2ms (typically). Note that
only the H-bridge in which OCP is detected is
disabled while the other bridge continues to
operate normally.
OC conditions on both the HS-FET and LS-FET
(e.g. a short to ground, supply, or across the
motor winding) all result in an OC shutdown.
Note that OCP does not use the current-sense
circuitry used for PWM current control and is
independent of the sense resistance or VREF.
Thermal Shutdown
The
IC’s junction temperature (TJ) is internally
monitored. If TJ exceeds the thermal shutdown
threshold (typically 165ºC), the converter shuts
down and the FAULT pin goes low. Once TJ
drops to about 150ºC (15ºC hysteresis), the
converter recovers.
Under-Voltage Lockout (UVLO) Protection
The MP6508A provides UVLO protection. If VIN
exceeds the UVLO rising threshold (VIN_UVLO_R),
the MP6508A starts up. The device shuts off
once
VIN
drops
below
the
UVLO
falling
threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com