Electronic Components Datasheet Search
  English  ▼

X  

MP6508A Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP6508A
Description  2.7V to 18V, 1.2A, Bipolar Stepper Motor Driver in a QFN-16 (3mmx3mm) Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6508A Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP6508A Datasheet HTML 2Page - Monolithic Power Systems MP6508A Datasheet HTML 3Page - Monolithic Power Systems MP6508A Datasheet HTML 4Page - Monolithic Power Systems MP6508A Datasheet HTML 5Page - Monolithic Power Systems MP6508A Datasheet HTML 6Page - Monolithic Power Systems MP6508A Datasheet HTML 7Page - Monolithic Power Systems MP6508A Datasheet HTML 8Page - Monolithic Power Systems MP6508A Datasheet HTML 9Page - Monolithic Power Systems MP6508A Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
MP6508A
– 18V, 1.2A STEPPER MOTOR DRIVER IN A QFN-16 (3MMx3MM) PACKAGE
MP6508A Rev. 1.0
MonolithicPower.com
6
4/12/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
TEMPERATURE (°C)
TEMPERATURE (°C)
TEMPERATURE (°C)
Sense Trip Voltage vs.
Temperature
Bridge A HS-FET On
Resistance vs. Temperature
VIN = 9V
Blanking Time vs.
Temperature
Bridge A HS Over-Current
Trip Threshold vs.
Temperature
Bridge B HS-FET On
Resistance vs. Temperature
VIN = 9V
Bridge B HS Over-Current
Trip Threshold vs.
Temperature
Bridge B LS Over-Current
Threshold Level vs.
Temperature
Bridge A LS Over-Current
Trip Threshold vs.
Temperature
TEMPERATURE (°C)
TEMPERATURE (°C)
TEMPERATURE (°C)
TEMPERATURE (°C)
TEMPERATURE (°C)
TEMPERATURE (°C)
Quiescent Current vs.
Temperature
VIN = 9V
1.5
1.52
1.54
1.56
1.58
1.6
-50
-20
10
40
70 100 130
0.19
0.192
0.194
0.196
0.198
0.2
0.202
0.204
0.206
0.208
0.21
-50
-20
10
40
70 100 130
190
210
230
250
270
290
310
330
350
370
390
-50
-20
10
40
70 100
130
190
210
230
250
270
290
310
330
350
370
390
-50
-20
10
40
70 100
130
2.4
2.5
2.6
2.7
2.8
2.9
3
3.1
3.2
-50
-20
10
40
70 100
130
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
4.2
4.4
-50
-20
10
40
70 100
130
2.1
2.15
2.2
2.25
2.3
2.35
2.4
2.45
2.5
2.55
2.6
-50
-20
10
40
70 100 130
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
4.2
4.4
4.6
4.8
-50
-20
10
40
70 100
130
2.1
2.15
2.2
2.25
2.3
2.35
2.4
2.45
2.5
2.55
2.6
-50
-20
10
40
70 100 130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com