Electronic Components Datasheet Search
  English  ▼

X  

MP6508A Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP6508A
Description  2.7V to 18V, 1.2A, Bipolar Stepper Motor Driver in a QFN-16 (3mmx3mm) Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6508A Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP6508A Datasheet HTML 1Page - Monolithic Power Systems MP6508A Datasheet HTML 2Page - Monolithic Power Systems MP6508A Datasheet HTML 3Page - Monolithic Power Systems MP6508A Datasheet HTML 4Page - Monolithic Power Systems MP6508A Datasheet HTML 5Page - Monolithic Power Systems MP6508A Datasheet HTML 6Page - Monolithic Power Systems MP6508A Datasheet HTML 7Page - Monolithic Power Systems MP6508A Datasheet HTML 8Page - Monolithic Power Systems MP6508A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
MP6508A
– 18V, 1.2A STEPPER MOTOR DRIVER IN A QFN-16 (3MMx3MM) PACKAGE
MP6508A Rev. 1.0
MonolithicPower.com
5
4/12/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 9V, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Cross-over delay
tCROSS
Low-side MOSFET (LS-FET)
off to high-side MOSFET(HS-
FET) on for one bridge arm
(Bridge A or Bridge B)
350
450
550
ns
HS-FET off to LS-FET on for
one bridge arm (Bridge A or
Bridge B)
250
355
435
ns
Sleep mode wakeup time
tWAKE
Sleep mode (active high) to
full bridge on (V
BST = 100nF)
0.65
0.75
0.9
ms
Protection Circuitry
Current limit sense trip voltage
V
REF
175
204
233
mV
Blanking time
tBLANK
2
2.5
3
µs
Over-current (OC) trip threshold
IOCP1
HS-FET
2.2
3.4
4.6
A
IOCP2
LS-FET
1.8
2.4
3
A
OC deglitch time
tDEG
0.75
1.1
1.45
µs
Over-current protection (OCP)
period
tOCP
1.3
1.8
2.3
ms
Thermal shutdown (6)
165
°C
Thermal shutdown hysteresis (6)
15
°C
Note:
13) Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com