Electronic Components Datasheet Search
  English  ▼

X  

MP6508A Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP6508A
Description  2.7V to 18V, 1.2A, Bipolar Stepper Motor Driver in a QFN-16 (3mmx3mm) Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6508A Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP6508A Datasheet HTML 6Page - Monolithic Power Systems MP6508A Datasheet HTML 7Page - Monolithic Power Systems MP6508A Datasheet HTML 8Page - Monolithic Power Systems MP6508A Datasheet HTML 9Page - Monolithic Power Systems MP6508A Datasheet HTML 10Page - Monolithic Power Systems MP6508A Datasheet HTML 11Page - Monolithic Power Systems MP6508A Datasheet HTML 12Page - Monolithic Power Systems MP6508A Datasheet HTML 13Page - Monolithic Power Systems MP6508A Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
MP6508A
– 18V, 1.2A STEPPER MOTOR DRIVER IN A QFN-16 (3MMx3MM) PACKAGE
MP6508A Rev. 1.0
MonolithicPower.com
10
4/12/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
the other input pin low. To configure the device
for slow decay mode, apply the PWM signal to
one input pin and keep the other input pin high.
Table 2 shows the configuration for PWM
control.
Table 2: PWM Control
AIN1 and
BIN1
AIN2 and
BIN2
Mode
High (PWM)
Low
Forward
Low (PWM)
Low
Fast decay
Low
High (PWM)
Reverse
Low
Low (PWM)
Fast decay
High
Low (PWM)
Forward
High
High (PWM)
Slow decay
Low (PWM)
High
Reverse
High (PWM)
High
Slow decay
Figure 5 shows the external PWM current
control waveform.
AIN1, BIN1
AIN2, BIN2
IAOUT1, IBOUT1
Forward
Reverse
Forward
Reverse
Slow Decay
Fast Decay
0
0
0
Figure 5: External PWM Current Control
Waveform
Internal
Pulse-Width
Modulation
(PWM)
Current Control
For internal PWM current control, IOUT is
regulated by an internal, constant off-time PWM
current control circuit, described below:
1. A diagonal pair of MOSFETs turns on to
enable current to flow through the motor
winding.
2. The current increases in the motor winding,
which is sensed by an external sense
resistor (RSENSE). During the initial blanking
time (tBLANK) (3µs), the HS-FET always turns
on despite the current limit detection.
3. When the voltage across RSENSE reaches
the internal reference voltage threshold
(VTRIP)
(200mV),
the
internal
current
comparator shuts off the HS-FET.
4.
The stepper motor’s inductance causes the
current to freewheel through the two LS-
FETs (slow decay).
5. During this freewheeling time, the current
decreases until the internal clock reaches its
constant tOFF (typically 30µs). After that, the
HS-FET is enabled to increase the winding
current again.
6. This cycle continues to repeat.
The current limit (ILIMIT) can be calculated with
Equation (1):
REF
LIMIT
SENSE
V
(V)
I
(A) =
R
(
Ω)
(1)
Figure 6 shows the internal PWM current
control waveform.
AIN1, BIN1
AIN2, BIN2
IAOUT1, IBOUT1
Forward
Reverse
Slow Decay
ILIMIT
Constant tOFF
0
0
0
tBLANK
ILIMIT
Figure 6: Internal PWM Current Control
Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com