Electronic Components Datasheet Search
  English  ▼

X  

MP6508A Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6508A
Description  2.7V to 18V, 1.2A, Bipolar Stepper Motor Driver in a QFN-16 (3mmx3mm) Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6508A Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6508A Datasheet HTML 1Page - Monolithic Power Systems MP6508A Datasheet HTML 2Page - Monolithic Power Systems MP6508A Datasheet HTML 3Page - Monolithic Power Systems MP6508A Datasheet HTML 4Page - Monolithic Power Systems MP6508A Datasheet HTML 5Page - Monolithic Power Systems MP6508A Datasheet HTML 6Page - Monolithic Power Systems MP6508A Datasheet HTML 7Page - Monolithic Power Systems MP6508A Datasheet HTML 8Page - Monolithic Power Systems MP6508A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MP6508A
2.7V to 18V, 1.2A, Bipolar Stepper Motor
Driver in a QFN-16 (3mmx3mm) Package
MP6508A Rev. 1.0
MonolithicPower.com
1
4/12/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
DESCRIPTION
The MP6508A is a bipolar stepper motor driver
with dual, built-in full-bridges consisting of N-
channel power MOSFETs. The device operates
across a 2.7V to 18V input voltage (VIN) range
and can deliver a motor current up to 1.2A per
channel.
Internal safety features include over-current
protection
(OCP),
under-voltage
lockout
protection (UVLO), and thermal shutdown. The
MP6508A provides a fault output flag to indicate
OCP and thermal shutdown.
The
MP6508A
is
available
in
a
QFN-16
(3mmx3mm) package with an exposed thermal
pad on the backside.
FEATURES
• Wide 2.7V to 18V Input Voltage (V
IN) Range
• Two Internal Full-Bridge Drivers
• Low On Resistance (R
DS(ON)): 250mΩ High-
Side MOSFET (HS-FET) and Low-Side
MOSFET (LS-FET)
• Internal Charger Pump for the High-Side
(HS) Driver
• Low 1.6mA Quiescent Current (I
Q)
• Low 1µA Sleep Current
• Over-Current Protection (OCP)
• Thermal Shutdown and Under-Voltage
Lockout (UVLO) Protection
• Fault Indication Output
• Thermally Enhanced Surface-Mount
Package
• Available in a QFN-16 (3mmx3mm)
Package
APPLICATIONS
• Point-of-Sale (POS) Printers
• Video Security Cameras
• Digital Still Cameras
• Battery-Powered Toys
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
trademarks of Monolithic Power Systems, Inc. or its subsidiaries.
TYPICAL APPLICATION
Motor
BST
VIN
AOUT1
AOUT2
BOUT1
BOUT2
Fault
VDD
VIN
MP6508A
SENA
Winding A
SENB
RSENB
C1
C2
C3
OFF
ON
RSENA
GND
FAULT
BIN2
AIN1
AIN2
BIN1
0.1µF
10µF
2.2µF
nSLEEP
Motor
BST
VIN
AOUT1
AOUT2
BOUT1
BOUT2
Fault
VDD
VIN
MP6508A
SENA
SENB
RSENB
C1
C2
C3
OFF
ON
RSENA
GND
FAULT
BIN2
AIN1
AIN2
BIN1
0.1µF
10µF
2.2µF
nSLEEP
Motor
Typical Application (Stepper Motor)
Typical Application (Dual DC Motor)


Similar Part No. - MP6508A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6508 MPS-MP6508 Datasheet
1Mb / 15P
2.7V-to-18V, 1.2A, Bipolar Stepper Motor Driver with Integrated MOSFETs
MP6508GF MPS-MP6508GF Datasheet
1Mb / 15P
2.7V-to-18V, 1.2A, Bipolar Stepper Motor Driver with Integrated MOSFETs
MP6508GR MPS-MP6508GR Datasheet
1Mb / 15P
2.7V-to-18V, 1.2A, Bipolar Stepper Motor Driver with Integrated MOSFETs
More results

Similar Description - MP6508A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6228 STMICROELECTRONICS-L6228 Datasheet
443Kb / 26P
DMOS DRIVER FOR BIPOLAR STEPPER MOTOR
Sep-2003
logo
RF Micro Devices
RF1450 RFMD-RF1450 Datasheet
395Kb / 12P
RoHS Compliant & Pb-Free Product Package Style: QFN, 16-pin, 3mmx3mm
logo
New Japan Radio
NJU7384 NJRC-NJU7384 Datasheet
192Kb / 10P
Pulse Input Bipolar Stepper Motor Driver
logo
Eutech Microelectronics...
EUM6270 EUTECH-EUM6270 Datasheet
120Kb / 1P
1.2A/18V PWM Fan Motor Driver
logo
STMicroelectronics
AN2650 STMICROELECTRONICS-AN2650 Datasheet
691Kb / 26P
L9942 stepper motor driver for bipolar stepper motors
05-Dec-2013
logo
Monolithic Power System...
EV6509GF-00A MPS-EV6509GF-00A Datasheet
351Kb / 7P
1.2A,18V, Bipolar Stepper Motor Driver Evaluation Board
MP6506 MPS-MP6506 Datasheet
432Kb / 13P
2.7V-to-15V, 500mA, Bipolar Stepper-Motor Driver with Integrated MOSFETs
MP6507 MPS-MP6507 Datasheet
551Kb / 18P
2.7V-to-15V, 700mA, Bipolar Stepper-Motor Driver with Integrated MOSFETs
MP6508 MPS-MP6508 Datasheet
1Mb / 15P
2.7V-to-18V, 1.2A, Bipolar Stepper Motor Driver with Integrated MOSFETs
MP6509 MPS-MP6509 Datasheet
575Kb / 15P
2.7V-to-18V, 1.2A, Bipolar Stepper Motor Driver with Integrated MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com