Electronic Components Datasheet Search
  English  ▼

X  

MP6508A Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP6508A
Description  2.7V to 18V, 1.2A, Bipolar Stepper Motor Driver in a QFN-16 (3mmx3mm) Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6508A Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP6508A Datasheet HTML 1Page - Monolithic Power Systems MP6508A Datasheet HTML 2Page - Monolithic Power Systems MP6508A Datasheet HTML 3Page - Monolithic Power Systems MP6508A Datasheet HTML 4Page - Monolithic Power Systems MP6508A Datasheet HTML 5Page - Monolithic Power Systems MP6508A Datasheet HTML 6Page - Monolithic Power Systems MP6508A Datasheet HTML 7Page - Monolithic Power Systems MP6508A Datasheet HTML 8Page - Monolithic Power Systems MP6508A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
MP6508A
– 18V, 1.2A STEPPER MOTOR DRIVER IN A QFN-16 (3MMx3MM) PACKAGE
MP6508A Rev. 1.0
MonolithicPower.com
3
4/12/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
SENA
Channel A sense input. Connect the SENA pin to the current-sense resistor for channel A.
2
AOUT2
Bridge A output terminal 2. Connect the AOUT2 pin to motor winding A.
3
BOUT2
Bridge B output terminal 2. Connect the BOUT2 pin to motor winding B.
4
SENB
Channel B sense input. Connect the SENB pin to the current-sense resistor for channel B.
5
BOUT1
Bridge B output terminal 1. Connect the BOUT1 pin to motor winding B.
6
FAULT
Fault indication. Pull the FAULT pin logic low if an over-temperature (OT) fault is detected.
7
BIN1
Gate signal input to control BOUT1.
8
BIN2
Gate signal input to control BOUT2.
9
BST
Charge pump output. Connect a 10nF to 100nF ceramic capacitor between the BST and
VIN pins.
10
VIN
Power supply input. The input voltage (VIN) ranges between 2.7V and 18V.
11
GND
Ground.
12
VDD
Internal control and logic supply voltage.
13
AIN2
Gate signal input to control AOUT2.
14
AIN1
Gate signal input to control AOUT1.
15
nSLEEP
Sleep logic input. Pull the nSLEEP pin logic low to enter sleep mode; pull nSLEEP logic
high to enable the device.
16
AOUT1
Bridge A output terminal 1. Connect the AOUT1 pin to motor winding A.
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VIN) ......................-0.3V to +20V
AOUTx voltage (VAOUTx) ........... -0.3V to VIN + 1V
BOUTx voltage (VBOUTx) ........... -0.3V to VIN + 1V
BST voltage (VBST) ................ -0.3V to VIN + 6.5V
Sense voltage (VSENx) ..................-0.3V to +0.5V
All other pins ................................-0.3V to +6.5V
Junction temperature ................................150°C
Lead temperature .....................................260°C
Continuous power dissipation (TA = 25°C) (2)
QFN-16 (3mmx3mm) ................................. 2.5W
Operating temperature............... -40°C to +85°C
ESD Ratings
Human body model (HBM) ........................ ±2kV
Charged-device model (CDM)...................±750V
Recommended Operating Conditions (3)
VIN……………………………………….2.7V to 18V
Output current (IAOUT, IBOUT)......................... 1.2A
Operating junction temp (TJ) .... -40°C to +125°C
Thermal Resistance (4)
θJA
θJC
QFN-16 (3mmx3mm) ..............50 ...... 12 ... °C/W
Notes:
8) Exceeding these ratings may damage the device.
9) The maximum allowable power dissipation is a function of the
maximum junction temperature, TJ (MAX), the junction-to-
ambient
thermal
resistance,
θ
JA,
and
the
ambient
temperature, TA. The maximum allowable continuous power
dissipation at any ambient temperature is calculated by PD
(MAX) = (TJ (MAX) - TA) / θJA. Exceeding the maximum
allowable power dissipation can cause an excessive die
temperature, which may cause the regulator to go into
thermal
shutdown.
Internal
thermal
shutdown
circuitry
protects the device from permanent damage.
10) The device is not guaranteed to function outside of its
operating conditions.
11) Measured on JESD51-7, a 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com