Electronic Components Datasheet Search
  English  ▼

X  

MP6508A Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP6508A
Description  2.7V to 18V, 1.2A, Bipolar Stepper Motor Driver in a QFN-16 (3mmx3mm) Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6508A Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP6508A Datasheet HTML 1Page - Monolithic Power Systems MP6508A Datasheet HTML 2Page - Monolithic Power Systems MP6508A Datasheet HTML 3Page - Monolithic Power Systems MP6508A Datasheet HTML 4Page - Monolithic Power Systems MP6508A Datasheet HTML 5Page - Monolithic Power Systems MP6508A Datasheet HTML 6Page - Monolithic Power Systems MP6508A Datasheet HTML 7Page - Monolithic Power Systems MP6508A Datasheet HTML 8Page - Monolithic Power Systems MP6508A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
MP6508A
– 18V, 1.2A STEPPER MOTOR DRIVER IN A QFN-16 (3MMx3MM) PACKAGE
MP6508A Rev. 1.0
MonolithicPower.com
4
4/12/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 9V, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Power Supply
Input supply voltage
V
IN
2.7
18
V
VDD voltage
V
DD
4.85
V
Quiescent current
I
IN
nSLEEP = 1, I
OUT = 0A,
output disabled
1.6
1.8
mA
I
IN_SLEEP
nSLEEP = 0, V
IN = 9V
1
µA
Integrated MOSFETs
Output on resistance
RDS(ON)_HS
I
OUT = 500mA, VIN = 9V,
T
J = 25°C
250
350
m
Ω
I
OUT = 500mA, VIN = 2.7V,
T
J = 25°C
310
400
m
Ω
I
OUT = 500mA, VIN = 9V,
T
J = 85°C
(5)
350
m
Ω
I
OUT = 500mA, VIN = 2.7V,
T
J = 85°C
(5)
400
m
Ω
RDS(ON)_LS
I
OUT = 500mA, VIN = 9V,
T
J = 25°C
235
350
m
Ω
I
OUT = 500mA, VIN = 2.7V,
T
J = 25°C
310
400
m
Ω
I
OUT = 500mA, VIN = 9V,
T
J = 85°C
(5)
310
m
Ω
I
OUT = 500mA, VIN = 2.7V,
T
J = 85°C
(5)
400
m
Ω
Body diode forward voltage
V
F
I
OUT = 500mA
1
V
Control Logic
Under-voltage lockout
(UVLO) rising threshold
V
IN_UVLO_R
2.5
V
UVLO hysteresis
VUVLO_HYS
30
75
120
mV
Logic-low input threshold
VIL
0.6
V
Logic-high input threshold
VIH
2
V
nSLEEP logic low voltage
V
SLEEP_L
0.4
V
nSLEEP logic high voltage
V
SLEEP_H
2
V
Fault output logic low
V
FAULT_L
Flag triggered by OTP,
1mA current
200
mV
Fault output leakage current
I
LEAK_FAULT
V
FAULT = 5V
1
µA
Constant off time
tOFF
21
26
31
µs
Propagation delay on time
tON_DELAY_HS
10mA source current
80
200
300
ns
tON_DELAY_LS
10
55
90
ns
Propagation delay off time
tOFF_DELAY_HS
110
180
225
ns
tOFF_DELAY_LS
40
130
180
ns
Note:
12) Guaranteed by design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com