Electronic Components Datasheet Search
  English  ▼

X  

MP6508A Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP6508A
Description  2.7V to 18V, 1.2A, Bipolar Stepper Motor Driver in a QFN-16 (3mmx3mm) Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6508A Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP6508A Datasheet HTML 8Page - Monolithic Power Systems MP6508A Datasheet HTML 9Page - Monolithic Power Systems MP6508A Datasheet HTML 10Page - Monolithic Power Systems MP6508A Datasheet HTML 11Page - Monolithic Power Systems MP6508A Datasheet HTML 12Page - Monolithic Power Systems MP6508A Datasheet HTML 13Page - Monolithic Power Systems MP6508A Datasheet HTML 14Page - Monolithic Power Systems MP6508A Datasheet HTML 15Page - Monolithic Power Systems MP6508A Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
MP6508A
– 18V, 1.2A STEPPER MOTOR DRIVER IN A QFN-16 (3MMx3MM) PACKAGE
MP6508A Rev. 1.0
MonolithicPower.com
12
4/12/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
APPLICATION INFORMATION
Driver Mode
The MP6508A can be configured for full-step
mode and half-step mode by energizing the two
windings sequentially.
The
full-step
drive energizes two winding
phases at any given time. Table 3 shows the
full-step sequence in which the stator windings
are energized.
Table 3: Full-Step Drive Sequence (8)
Sequence
(Full Step)
1
2
3
4
A
+
N/A
N/A
+
B
+
+
N/A
N/A
A
——
N/A
+
+
N/A
B
——
N/A
N/A
+
+
There are a total of four steps in one cycle of
the full-step drive sequence: AB→ A
——
B→ A
——
B
——
→A
B
——
. (7)
Table 4 shows the half-step sequence in which
the stator windings are energized.
Table 4: Half-Step Drive Sequence (8)
Sequence
(Half-Step)
1
2
3
4
5
6
7
8
A
+
N/A N/A N/A N/A N/A
+
+
B
+
+
+
N/A N/A N/A N/A N/A
A
——
N/A N/A
+
+
+
N/A N/A N/A
B
——
N/A N/A N/A N/A
+
+
+
N/A
There are a total of eight steps in one cycle of
the half-step drive sequence: AB→B→ A
——
B→ A
——
→ A
——
B
——
→ B
——
→A B
——
→A.
Notes:
7) A means +VIN between AOUT1 and AOUT2 for winding A,
while A
—
means -VIN between AOUT1 and AOUT2. The
same applies to winding B.
8)
“+” is the selected winding voltage.
Figure 7 shows the operating waveforms for
both full-step and half-step drives.
AIN1
AIN2
BIN1
BIN2
H
L
H
L
H
L
H
L
AOUT1 - AOUT2
BOUT1 - BOUT2
+VIN
-VIN
0
+VIN
-VIN
0
AB
AB
AB
B
AB
AB
AB
AB
A
B
AB
A
AB
Full Step
Half-Step
Figure 7: Signal Logic Sequences for the Full-
Step and Half-Step Drives
Design Example
Table 5 shows the specifications for a design
example based on the application guidelines.
Table 5: Design Example
VIN
IOUT
2.7V to 18V
1.2A
For the detailed application schematic, see
Figure
9
on
page
14.
See
the
Typical
Performance Characteristics section on page 7
for
the
typical
performance
and
circuit
waveforms. Refer to the related EV6508A-Q-
00A datasheet for more details on applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com