Electronic Components Datasheet Search
  English  ▼

X  

MPM54313 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MPM54313
Description  16V, Triple 3A Power Module with I2C Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM54313 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MPM54313 Datasheet HTML 17Page - Monolithic Power Systems MPM54313 Datasheet HTML 18Page - Monolithic Power Systems MPM54313 Datasheet HTML 19Page - Monolithic Power Systems MPM54313 Datasheet HTML 20Page - Monolithic Power Systems MPM54313 Datasheet HTML 21Page - Monolithic Power Systems MPM54313 Datasheet HTML 22Page - Monolithic Power Systems MPM54313 Datasheet HTML 23Page - Monolithic Power Systems MPM54313 Datasheet HTML 24Page - Monolithic Power Systems MPM54313 Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
MPM54313
– 16V, TRIPLE 3A POWER MODULE WITH I2C
MPM54313 Rev. 1.0
MonolithicPower.com
21
5/7/2024
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2024 MPS. All Rights Reserved.
REGISTER SETTINGS
STATUS REGISTERS
The status registers (STATUS_0 and STATUS_1) are updated to 1 if the relevant event occurs. The
status registers remain set to 1, even if the failing condition is no longer present, until the clear command
is generated by the host. In addition, if VIN falls below its UVLO threshold, the status register is initialized
to 0. The PWR_GOOD interrupt may be generated by the MPM54313 at the same time that VIN falls
below its UVLO threshold depending on the type of event. The interrupts are only generated if they are
not masked.
All read-only (RO) registers are one-time latched registers. In other words, once the MPM54313 sets
those register flags, the host must explicitly clear those registers appropriately. The MPM54313 does not
automatically update the registers on its own, even if the event that triggered the status is no longer
present.
STATUS_0 (00h)
Format: Unsigned binary
The STATUS_0 command monitors the over-temperature (OT), buck output power not good, and VIN
over-voltage (OV) statuses.
Bits
Access
Bit Name
Default
Description
7
R
RESERVED
N/A
Reserved.
6
R
OVER_TEMP_STATUS
1’b0
1
’b0: No critical temperature shutdown has occurred
1’b1: A critical temperature shutdown has occurred
5
R
BUCK_A_POWER_NOT_
GOOD
_STATUS
1’b0
1
’b0: Buck A’s output power is good
1
’b1: Buck A’s output power is not good
4
R
BUCK_B_POWER_NOT_
GOOD_STATUS
1’b0
1’b0: Buck B’s output power is good
1
’b1: Buck B’s output power is not good
3
R
BUCK_C_POWER_NOT_
GOOD_STATUS
1’b0
1’b0: Buck C’s output power is good
1
’b1: Buck C’s output power is not good
2
R
RESERVED
N/A
Reserved.
1
R
VIN_OV_STATUS
1’b0
1’b0: No VIN OV condition has occurred
1’b1: A VIN OV condition has occurred
0
R
RESERVED
N/A
Reserved.
STATUS_1 (01h)
Format: Unsigned binary
The STATUS_1 command monitors the buck output
s’ over-voltage (OV) and under-voltage (UV) statuses.
Bits
Access
Bit Name
Default
Description
7
R
BUCK_A_OV_STATUS
1’b0
1’b0: No buck A output OV condition has occurred
1’b1: A buck A output OV condition has occurred
6
R
BUCK_B_OV_STATUS
1’b0
1’b0: No buck B output OV condition has occurred
1’b1: A buck B output OV condition has occurred
5
R
BUCK_C_OV_STATUS
1’b0
1’b0: No buck C output OV condition has occurred
1’b1: A buck C output OV condition has occurred
4
R
RESERVED
N/A
Reserved.
3
R
BUCK_A_UV_STATUS
1’b0
1’b0: No buck A output UV condition has occurred
1’b1: A buck A output UV condition has occurred



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com