Electronic Components Datasheet Search
  English  ▼

X  

MPM54313 Datasheet(PDF) 44 Page - Monolithic Power Systems

Part # MPM54313
Description  16V, Triple 3A Power Module with I2C Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM54313 Datasheet(HTML) 44 Page - Monolithic Power Systems

Back Button MPM54313 Datasheet HTML 40Page - Monolithic Power Systems MPM54313 Datasheet HTML 41Page - Monolithic Power Systems MPM54313 Datasheet HTML 42Page - Monolithic Power Systems MPM54313 Datasheet HTML 43Page - Monolithic Power Systems MPM54313 Datasheet HTML 44Page - Monolithic Power Systems MPM54313 Datasheet HTML 45Page - Monolithic Power Systems MPM54313 Datasheet HTML 46Page - Monolithic Power Systems MPM54313 Datasheet HTML 47Page - Monolithic Power Systems MPM54313 Datasheet HTML 48Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
MPM54313
– 16V, TRIPLE 3A POWER MODULE WITH I2C
MPM54313 Rev. 1.0
MonolithicPower.com
44
5/7/2024
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2024 MPS. All Rights Reserved.
MTP CONFIGURATION
Table 3: 0000 Suffix Code Configuration
Items
VOA
VOB
VOC
Output voltage
3.3V
3.3V
3.3V
Mode
FCCM
FCCM
FCCM
I2C address bits[4:6]
000
Soft start time
1ms
1ms
1ms
Soft-stop time EN/Disable
Disabled
Disabled
Disabled
Soft-stop time
N/A
N/A
N/A
Switching frequency
1000kHz
1000kHz
1000kHz
Buck output discharge enable
Disabled
Disabled
Disabled
Buck output discharge resistor
N/A
N/A
N/A
PG threshold
95%
95%
95%
VOA and VOB active interleaved or not
Disabled
VOA start-up delay time 0
0ms
VOB start-up delay time 1
0ms
VOC start-up delay time 2
0ms
VOD start-up delay time 3
0ms
PG start-up delay time 4
0ms
VOA off delay time 0
0ms
VOB off delay time 1
0ms
VOC off delay time 2
0ms
VOD off delay time 3
0ms
Load-line function enable
Enabled
Current monitoring enable
Enabled
Voltage monitoring enable
Enabled
Load-line
40mV/A
Table 4: 0000 Suffix Code Register Value
Register
Hex Value
Register
Hex Value
Register
Hex Value
09h
0x00
14h
0x00
20h
0xF8
0Ah
0x00
15h
0x8C
21h
0x78
0Bh
0xB0
16h
0x8C
22h
0x78
0Ch
0x00
17h
0x8C
23h
0x78
0Dh
0x00
19h
0xF0
25h
0x0E
0Eh
0x1F
1Ah
0x00
35h
0x00
0Fh
0xAA
1Bh
0x00
36h
0x00
10h
0x84
1Ch
0x00
71h
0x80
11h
0x00
1Dh
0x00
73h
0x00
12h
0x55
1Eh
0x00
79h
0x80
13h
0x55
1Fh
0x00
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com