Electronic Components Datasheet Search
  English  ▼

X  

MPM54313 Datasheet(PDF) 39 Page - Monolithic Power Systems

Part # MPM54313
Description  16V, Triple 3A Power Module with I2C Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM54313 Datasheet(HTML) 39 Page - Monolithic Power Systems

Back Button MPM54313 Datasheet HTML 35Page - Monolithic Power Systems MPM54313 Datasheet HTML 36Page - Monolithic Power Systems MPM54313 Datasheet HTML 37Page - Monolithic Power Systems MPM54313 Datasheet HTML 38Page - Monolithic Power Systems MPM54313 Datasheet HTML 39Page - Monolithic Power Systems MPM54313 Datasheet HTML 40Page - Monolithic Power Systems MPM54313 Datasheet HTML 41Page - Monolithic Power Systems MPM54313 Datasheet HTML 42Page - Monolithic Power Systems MPM54313 Datasheet HTML 43Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
MPM54313
– 16V, TRIPLE 3A POWER MODULE WITH I2C
MPM54313 Rev. 1.0
MonolithicPower.com
39
5/7/2024
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2024 MPS. All Rights Reserved.
OC_STATUS_CLEAR (2Ah)
Format: Unsigned binary
The OC_STATUS_CLEAR command monitors over-current (OC) statuses and clears certain register.
Bits
Access
Bit Name
Default
Description
7
R/W
CLEAR_BUCK_A_OC_
STATUS
1’b0
1’b1: Clears OC_STATUS_CLEAR (2Ah), bit[3]
6
R/W
CLEAR_BUCK_B_OC_
STATUS
1’b0
1’b1: Clears OC_STATUS_CLEAR (2Ah), bit[2]
5
R/W
CLEAR_BUCK_C_OC_
STATUS
1’b0
1’b1: Clears OC_STATUS_CLEAR (2Ah), bit[1]
4
R
RESERVED
N/A
Reserved.
3
R
BUCK_A_OC_STATUS
1’b0
1’b0: No output OC condition on buck A
1’b1: There is an output OC condition on buck A
2
R
BUCK_B_OC_STATUS
1’b0
1’b0: No output OC condition on buck B
1’b1: There is an output OC condition on buck B
1
R
BUCK_C_OC_STATUS
1’b0
1’b0: No output OC condition on buck C
1’b1: There is an output OC condition on buck C
0
R
RESERVED
N/A
Reserved.
MTP_AUTO_REG (30h)
Format: Unsigned binary
The MTP_AUTO_REG command controls the MTP auto-write functions.
Bits
Access
Bit Name
Default
Description
7
R/W
MTP_AUTO_WRITE
1’b0
1’b0 to 1’b1: MTP auto-write bit
6
R
MTP_WRITE_DONE
1’b0
1’b0 to 1’b1: MTP is finished
5:0
R
RESERVED
N/A
Reserved.
Follow the steps below for MTP write operation:
1. Configure all MTP registers.
2. Write PROTECT_REG (14h), bit[6] from 0 to 1. This disables write protection.
3. Ensure that the buck is off before MTP configurations. It is recommended to pull down the external
EN pin.
4. Write MTP_AUTO_REG (30h), bit[7] from 0 to 1 for MTP auto-writing.
5. Wait about 2s.
6. Read register MTP_AUTO_REG (30h). If MTP_AUTO_REG (30h) = 0x5A, then MTP configuring is
complete.
PART_ID (31h)
Format: Unsigned binary
The PART_ID command sets the part
’s ID number.
Bits
Access
Bit Name
Default
Description
7:0
R
PART_ID
0x13
Returns the device
’s ID number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com