Electronic Components Datasheet Search
  English  ▼

X  

MPM54313 Datasheet(PDF) 32 Page - Monolithic Power Systems

Part # MPM54313
Description  16V, Triple 3A Power Module with I2C Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM54313 Datasheet(HTML) 32 Page - Monolithic Power Systems

Back Button MPM54313 Datasheet HTML 28Page - Monolithic Power Systems MPM54313 Datasheet HTML 29Page - Monolithic Power Systems MPM54313 Datasheet HTML 30Page - Monolithic Power Systems MPM54313 Datasheet HTML 31Page - Monolithic Power Systems MPM54313 Datasheet HTML 32Page - Monolithic Power Systems MPM54313 Datasheet HTML 33Page - Monolithic Power Systems MPM54313 Datasheet HTML 34Page - Monolithic Power Systems MPM54313 Datasheet HTML 35Page - Monolithic Power Systems MPM54313 Datasheet HTML 36Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
MPM54313
– 16V, TRIPLE 3A POWER MODULE WITH I2C
MPM54313 Rev. 1.0
MonolithicPower.com
32
5/7/2024
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2024 MPS. All Rights Reserved.
BUCK_C_VOUT (17h)
Format: Direct
The BUCK_C_VOUT command sets buck C
’s output voltage.
Bits
Access
Bit Name
Default
Description
7:0
R/W
BUCK_C_VOUT_
SETTING
0x8C
Sets buck C
’s output voltage setting. The VOUT slew rate is
1mV/µs.
If VOUT_RANGE_SELECT (25h), bit[1] = 0: buck C
’s output
dynamic voltage scaling (DVS) range is between 0.4V and
1.2V
0x00: 0.4V
0x01: 0.41V
0x02: 0.42V
0x03: 0.43V
…
0x4D: 1.17V
0x4E: 1.18V
0x4F: 1.19V
0x50: 1.2V
Others: Reserved (0x51~0xFF)
If VOUT_RANGE_SELECT (25h), bit[1] = 1: buck C
’s output
DVS range is between 1.2V and 3.6V.
0x00: 1.2V
0x01: 1.215V
0x02: 1.23V
0x03: 1.245V
…
0x8C: 3.3V
0x8D: 3.315V
0x8E: 3.33V
…
0x9F: 3.585V
0xA0: 3.6V
Others: Reserved (0xA1~0xFF)
PON_CONFIG_0 (19h)
Format: Unsigned binary
The PON_CONFIG_0 command sets the Config0 power-on sequence.
Bits
Access
Bit Name
Default
Description
7
R/W
PON_SEQ_CONFIG0
1’b1
Executes the power-on sequence for Config0.
1’b0: Do not execute Config0
1’b1: Execute Config0
6
R/W
PON_SEQ_CONFIG0_
BUCK_A
1’b1
Enables buck A
’s output regulator.
1’b0: Disabled
1’b1: Enabled
5
R/W
PON_SEQ_CONFIG0_
BUCK_B
1’b1
Enables buck B’s output regulator.
1’b0: Disabled
1’b1: Enabled
4
R/W
PON_SEQ_CONFIG0_
BUCK_C
1’b1
Enables buck C’s output regulator.
1’b0: Disabled
1’b1: Enabled
3:0
R
RESERVED
N/A
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com