Electronic Components Datasheet Search
  English  ▼

X  

MPM54313 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MPM54313
Description  16V, Triple 3A Power Module with I2C Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM54313 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MPM54313 Datasheet HTML 9Page - Monolithic Power Systems MPM54313 Datasheet HTML 10Page - Monolithic Power Systems MPM54313 Datasheet HTML 11Page - Monolithic Power Systems MPM54313 Datasheet HTML 12Page - Monolithic Power Systems MPM54313 Datasheet HTML 13Page - Monolithic Power Systems MPM54313 Datasheet HTML 14Page - Monolithic Power Systems MPM54313 Datasheet HTML 15Page - Monolithic Power Systems MPM54313 Datasheet HTML 16Page - Monolithic Power Systems MPM54313 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
MPM54313
– 16V, TRIPLE 3A POWER MODULE WITH I2C
MPM54313 Rev. 1.0
MonolithicPower.com
13
5/7/2024
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2024 MPS. All Rights Reserved.
FUNCTIONAL BLOCK DIAGRAM
1MHz OSC
Phase Shift
VSA+
SCL
I
2C Register and MTP
Feedback Loop, Current Limit,
Mode, SS Control Logic
Buck B
I
2C VID,
VSEL = 0.4V to 3.6V
VOUTB
VSC+
SDA
Control Logic
VIN
VIN
VCC Reg/
UVLO
VCC
ADDR1
PG
Buck C
I
2C VID,
VSEL = 0.4V to 3.6V
VDR
FB1 PG_FLT
FB2 PG_FLT
FB3 PG_FLT
FB4 PG_FLT
VCC
HS
Driver
LS
Driver
Current
Modulator
On
Timer
Bias and Voltage
Reference
COMP
High-Side
Switch (NCH)
Low-Side
Switch (NCH)
Bootstrap
Regulator
Over-Voltage
Comparator
Ref 0
Current
Limit
VIN
Ramp
EA
I
2C
Register
DAC
Slew Rate
Ref 1
I
2C
R
ISENS
VSA-
VSC-
BSTA
BSTB
Interleaving Logic
DUAL_PHASE_EN
PGND
BSTC
FSM_STATE
VCC
SYSEN
VSB+
VSB-
Logic
Control
2R
1µH
0.1µF
0.1µF
0.1µF
AGND
ADDR2
0.1µF
VOUTC
VOUTA
0.1µF
0.1µF
1µH
1µH
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com