Electronic Components Datasheet Search
  English  ▼

X  

MPM54313 Datasheet(PDF) 36 Page - Monolithic Power Systems

Part # MPM54313
Description  16V, Triple 3A Power Module with I2C Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM54313 Datasheet(HTML) 36 Page - Monolithic Power Systems

Back Button MPM54313 Datasheet HTML 32Page - Monolithic Power Systems MPM54313 Datasheet HTML 33Page - Monolithic Power Systems MPM54313 Datasheet HTML 34Page - Monolithic Power Systems MPM54313 Datasheet HTML 35Page - Monolithic Power Systems MPM54313 Datasheet HTML 36Page - Monolithic Power Systems MPM54313 Datasheet HTML 37Page - Monolithic Power Systems MPM54313 Datasheet HTML 38Page - Monolithic Power Systems MPM54313 Datasheet HTML 39Page - Monolithic Power Systems MPM54313 Datasheet HTML 40Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
MPM54313
– 16V, TRIPLE 3A POWER MODULE WITH I2C
MPM54313 Rev. 1.0
MonolithicPower.com
36
5/7/2024
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2024 MPS. All Rights Reserved.
3:0
R/W
PON_SEQ_DELAY_PG
4
’b0000
Sets the power-on sequence for the PG delay.
4’b0000: 0ms
4’b0001: 1ms
4’b0010: 2ms
4’b0011: 3ms
4’b0100: 4ms
4’b0101: 5ms
4’b0110: 6ms
4’b0111: 7ms
4’b1000: 8ms
4’b1001: 9ms
4’b1010: 10ms
Others: Reserved
POFF_SEQ_CONFIG_0 (20h)
Format: Unsigned binary
The POFF_SEQ_CONFIG_0 command sets the Config0 power-off sequence.
Bits
Access
Bit Name
Default
Description
7
R/W
POFF_SEQ_CONFIG0
1’b1
Executes the power-off sequence for Config0.
1’b0: Do not execute Config0
1’b1: Execute Config0
6
R/W
POFF_SEQ_CONFIG0_
BUCK_A
1’b1
Disables buck A
’s output regulator.
1’b0: Enabled
1’b1: Disabled
5
R/W
POFF_SEQ_CONFIG0_
BUCK_B
1’b1
Disables buck B’s output regulator.
1’b0: Enabled
1’b1: Disabled
4
R/W
POFF_SEQ_CONFIG0_
BUCK_C
1’b1
Disables buck C’s output regulator.
1’b0: Enabled
1’b1: Disabled
3
R
RESERVED
N/A
Reserved.
2:0
R/W
POFF_SEQ_DELAY1
3
’b000
Sets power delay 1.
3’b000: 0ms
3’b001: 1ms
3’b010: 2ms
3’b011: 4ms
3’b100: 6ms
Others: Reserved
POFF_SEQ_CONFIG_1 (21h)
Format: Unsigned binary
The POFF_SEQ_CONFIG_1 command sets the Config1 power-off sequence.
Bits
Access
Bit Name
Default
Description
7
R/W
POFF_SEQ_CONFIG1
1’b0
Executes the power-off sequence for Config1.
1’b0: Do not execute Config1
1’b1: Execute Config1
6
R/W
POFF_SEQ_CONFIG1_
BUCK_A
1’b1
Disables buck A’s output regulator.
1’b0: Enabled
1’b1: Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com