Electronic Components Datasheet Search
  English  ▼

X  

MPM54313 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MPM54313
Description  16V, Triple 3A Power Module with I2C Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM54313 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MPM54313 Datasheet HTML 2Page - Monolithic Power Systems MPM54313 Datasheet HTML 3Page - Monolithic Power Systems MPM54313 Datasheet HTML 4Page - Monolithic Power Systems MPM54313 Datasheet HTML 5Page - Monolithic Power Systems MPM54313 Datasheet HTML 6Page - Monolithic Power Systems MPM54313 Datasheet HTML 7Page - Monolithic Power Systems MPM54313 Datasheet HTML 8Page - Monolithic Power Systems MPM54313 Datasheet HTML 9Page - Monolithic Power Systems MPM54313 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
MPM54313
– 16V, TRIPLE 3A POWER MODULE WITH I2C
MPM54313 Rev. 1.0
MonolithicPower.com
6
5/7/2024
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2024 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VIN) ..................................... 18V
VSWA / VSWB / VSWC (DC) ........ -0.3V to VIN + 0.3V
VBSTA / VBSTB / VBSTC.............................. VSW + 4V
VOA / VOB / VOC .......................................... 6V
VCC .............................................................. 4.5V
VCC, ADDR1, ADDR2, PG (1s) (2)……..…....…6V
All other pins ................................-0.3V to +4.3V
Continuous power dissipation (TA = 25°C) (6)
………………………………………………7.67W
Junction temperature (TJ) .........................150°C
Storage temperature ................ -65°C to +170°C
ESD Ratings
Human body model (HBM) ........................ ±2kV
Charged-device model (CDM) .................. ±2kV
Recommended Operating Conditions (3)
Input voltage (VIN) ...............................4V to 16V
Output voltage (VOUT)......................0.4V to 5.5V
Operating junction temp (TJ). ... -40°C to +125°C
Thermal Resistance (4) (5) (6) (7) (8)
BGA (8mmx9mmx2.58mm)
θJA........................................................16.3°C/W
θJC_TOP....................................................0.2°C/W
θJB........................................................1.27°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) Voltage rating during MTP programming.
3)
The device is not guaranteed to function outside of its
operating conditions.
4)
θ
JA
is junction-to-ambient thermal resistance,
θ
JC_TOP
is
junction-to-case top thermal characterization parameter, and
θ
JB is junction-to-board thermal characterization parameter.
5) The thermal parameter is based on test on an MPS evaluation
board (EVM54313-BJ-00A) under no airflow cooling conditions
in a standard enclosure. The board size is 8.1cmx8.1cm, 4-
layer, top/bottom copper thickness is 2oz, mid-layer 1/2 copper
thickness is 1oz.
6) The maximum allowable power dissipation is a function of the
maximum junction temperature, TJ (MAX), the junction-to-
ambient thermal resistance,
θ
JA, and the ambient temperature,
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX) - TA) / θJA. Exceeding the maximum allowable power
dissipation can produce an excessive die temperature.
7) The junction-to-case top thermal characterization parameter,
θ
JC_TOP, estimates the junction temperature in the real system,
based on equation TJ = θJC_TOP x PLOSS + TCASE_TOP, where PLOSS
is the
module’s entire power loss in a real application, and
TCASE_TOP is the case top temperature.
8) The junction-to-board thermal characterization parameter
, θ
JB,
is an estimation of the junction temperature in the real system,
based on equation TJ = θJB x PLOSS + TBOARD, where PLOSS is the
module’s entire power loss in a real application, and T
BOARD is
the board temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com