Electronic Components Datasheet Search
  English  ▼

X  

MPM54313 Datasheet(PDF) 26 Page - Monolithic Power Systems

Part # MPM54313
Description  16V, Triple 3A Power Module with I2C Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM54313 Datasheet(HTML) 26 Page - Monolithic Power Systems

Back Button MPM54313 Datasheet HTML 22Page - Monolithic Power Systems MPM54313 Datasheet HTML 23Page - Monolithic Power Systems MPM54313 Datasheet HTML 24Page - Monolithic Power Systems MPM54313 Datasheet HTML 25Page - Monolithic Power Systems MPM54313 Datasheet HTML 26Page - Monolithic Power Systems MPM54313 Datasheet HTML 27Page - Monolithic Power Systems MPM54313 Datasheet HTML 28Page - Monolithic Power Systems MPM54313 Datasheet HTML 29Page - Monolithic Power Systems MPM54313 Datasheet HTML 30Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
MPM54313
– 16V, TRIPLE 3A POWER MODULE WITH I2C
MPM54313 Rev. 1.0
MonolithicPower.com
26
5/7/2024
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2024 MPS. All Rights Reserved.
5
R/W
BUCK_C_EN
1’b1
Enables buck C’s output regulator.
1’b0: Disabled
1’b1: Enabled
4
R
RESERVED
N/A
Reserved.
3
R/W
PWM_BUCK_A
1’b0
Selects buck A
’s PWM mode (auto mode or forced PWM).
1’b0: Forced PWM
1’b1: Auto mode
2
R/W
PWM_BUCK_B
1’b0
Selects buck B’s PWM mode (auto mode or forced PWM).
1’b0: Forced PWM
1’b1: Auto mode
1
R/W
PWM_BUCK_C
1’b0
Selects buck C’s PWM mode (auto mode or forced PWM).
1’b0: Forced PWM
1’b1: Auto mode
0
R
RESERVED
N/A
Reserved.
PG_REG (0Dh)
Format: Unsigned binary
The PG_REG command sets buck A,
buck B, and buck C’s power good (PG) threshold.
Bits
Access
Bit Name
Default
Description
7
R
RESERVED
N/A
Reserved.
6
R
RESERVED
N/A
Reserved.
5
R
RESERVED
N/A
Reserved.
4
R
RESERVED
N/A
Reserved.
3
R/W
PG_%_BUCK_A
1’b0
Set’s buck A’s PG threshold.
1’b0: 5%
1’b1: 7%
2
R/W
PG_%_BUCK_B
1’b0
Set’s buck B’s PG threshold.
1’b0: 5%
1’b1: 7%
1
R/W
PG_%_BUCK_C
1’b0
Set’s buck C’s PG threshold.
1’b0: 5%
1’b1: 7%
0
R
RESERVED
N/A
Reserved.
DISCHARGE_R_REG (0Eh)
Format: Unsigned binary
The DISCHARGE_R_REG command sets
each buck’s auto-discharge mode and discharge resistance.
Bits
Access
Bit Name
Default
Description
7
R/W
AUTODIS_1
1’b0
Sets auto-discharge mode for buck A.
1’b 0: No discharge
1’b 1: Discharge
6
R/W
AUTODIS_2
1’b0
Sets auto-discharge mode for buck B.
1’b 0: No Discharge
1’b 1: Discharge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com