Electronic Components Datasheet Search
  English  ▼

X  

MPM54313 Datasheet(PDF) 46 Page - Monolithic Power Systems

Part # MPM54313
Description  16V, Triple 3A Power Module with I2C Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM54313 Datasheet(HTML) 46 Page - Monolithic Power Systems

Back Button MPM54313 Datasheet HTML 41Page - Monolithic Power Systems MPM54313 Datasheet HTML 42Page - Monolithic Power Systems MPM54313 Datasheet HTML 43Page - Monolithic Power Systems MPM54313 Datasheet HTML 44Page - Monolithic Power Systems MPM54313 Datasheet HTML 45Page - Monolithic Power Systems MPM54313 Datasheet HTML 46Page - Monolithic Power Systems MPM54313 Datasheet HTML 47Page - Monolithic Power Systems MPM54313 Datasheet HTML 48Page - Monolithic Power Systems MPM54313 Datasheet HTML 49Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
MPM54313
– 16V, TRIPLE 3A POWER MODULE WITH I2C
MPM54313 Rev. 1.0
MonolithicPower.com
46
5/7/2024
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2024 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS (continued)
MPM54313
VIN
PGND
PG
C1
VCC
C5
AGND
BSTA
BSTB
SDA
SCL
BSTC
EN
3 x 47µF
6 x 22µF
4.7µF
VIN: 4V to 12V
SWA
VOUTA
SWB
SWC
ADDR1
ADDR2
VOA
VSA+
C2
VSA-
3 x 47µF
VOB
VSB+
C3
VSB-
3 x 47µF
VOC
VSC+
C4
VSC-
VOUTB
VOUTC
Figure 15: Typical Application Circuit (4V to 16V Input and Triple Outputs with Internal Divider)
MPM54313
VIN
PGND
PG
C1
VCC
C5
AGND
BSTA
BSTB
SDA
SCL
BSTC
EN
3 x 47µF
6 x 22µF
4.7µF
VIN: 4V to 12V
SWA
VOUTA
SWB
SWC
ADDR1
ADDR2
VOA
VSA+
C2
VSA-
3 x 47µF
VOB
VSB+
C3
VSB-
3 x 47µF
VOC
VSC+
C4
VSC-
VOUTB
VOUTC
Figure 16: Typical Application Circuit (4V to 16V Input and Triple Outputs with External Divider)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com