Electronic Components Datasheet Search
  English  ▼

X  

MPM54313 Datasheet(PDF) 41 Page - Monolithic Power Systems

Part # MPM54313
Description  16V, Triple 3A Power Module with I2C Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM54313 Datasheet(HTML) 41 Page - Monolithic Power Systems

Back Button MPM54313 Datasheet HTML 37Page - Monolithic Power Systems MPM54313 Datasheet HTML 38Page - Monolithic Power Systems MPM54313 Datasheet HTML 39Page - Monolithic Power Systems MPM54313 Datasheet HTML 40Page - Monolithic Power Systems MPM54313 Datasheet HTML 41Page - Monolithic Power Systems MPM54313 Datasheet HTML 42Page - Monolithic Power Systems MPM54313 Datasheet HTML 43Page - Monolithic Power Systems MPM54313 Datasheet HTML 44Page - Monolithic Power Systems MPM54313 Datasheet HTML 45Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 49 page
background image
MPM54313
– 16V, TRIPLE 3A POWER MODULE WITH I2C
MPM54313 Rev. 1.0
MonolithicPower.com
41
5/7/2024
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2024 MPS. All Rights Reserved.
ACTIVE_POSITION_ENABLE_C (79h)
Format: Unsigned binary
The ACTIVE_POSITION_ENABLE_C command enables AVP for buck C.
Bits
Access
Bit Name
Default
Description
7
RW
AVP_EN_C
1’b1
Enables AVP for buck C.
1’b0: Disabled
1’b1: Enabled
6:0
R
RESERVED
N/A
Reserved.
VIN_OV_REG (90h)
Format: Unsigned binary
The VIN_OV_REG command sets VIN under-voltage lockout (UVLO) hysteresis and enables VIN over-
voltage protection (OVP).
Bits
Access
Bit Name
Default
Description
7:2
R
RESERVED
N/A
Reserved.
1
R/W
VIN_UVLO_
HYSTERESIS
1’b0
Selects VIN UVLO hysteresis.
1’b0: 0.125V
1’b1: 0.25V
0
R/W
VIN_OVP
1’b0
Enables VIN OVP.
1’b0: Disabled
1’b1: Enabled
VIN_UVLO_REG (AFh)
Format: Unsigned binary
The VIN_UVLO_REG command sets the VIN under-voltage lockout (UVLO) threshold.
Bits
Access
Bit Name
Default
Description
7:2
R
RESERVED
N/A
Reserved.
1:0
R/W
VIN_UVLO
2’b00
Selects the VIN UVLO threshold.
00: 3V
01: 3.5V
10: 3.75V
11: 4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com