Electronic Components Datasheet Search
  English  ▼

X  

MP5991 Datasheet(PDF) 9 Page - MPS Industries, Inc.

Part # MP5991
Description  16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP5991 Datasheet(HTML) 9 Page - MPS Industries, Inc.

Back Button MP5991 Datasheet HTML 5Page - MPS Industries, Inc. MP5991 Datasheet HTML 6Page - MPS Industries, Inc. MP5991 Datasheet HTML 7Page - MPS Industries, Inc. MP5991 Datasheet HTML 8Page - MPS Industries, Inc. MP5991 Datasheet HTML 9Page - MPS Industries, Inc. MP5991 Datasheet HTML 10Page - MPS Industries, Inc. MP5991 Datasheet HTML 11Page - MPS Industries, Inc. MP5991 Datasheet HTML 12Page - MPS Industries, Inc. MP5991 Datasheet HTML 13Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
MP5991
– 16V, 50A, 1mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5991 Rev. 1.0
MonolithicPower.com
9
4/27/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, RCS = 2kΩ, RIMON = 2kΩ, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply Current
Quiescent current
IQ
Intelli-Fuse is on, no load
2.5
2.9
mA
Fault protection, latch-off mode
2.3
2.7
mA
Intelli-Fuse is off, VON = 0V, VIN = 12V
2.3
2.7
mA
Intelli-Fuse is off, VON = 0V, VIN = 16V
2.3
2.7
mA
VDD33 Regulator and Under-Voltage Lockout (UVLO) Protection
VDD33 regulator output
voltage
VDD33
IVDD33 = 0mA
3.2
3.3
3.4
V
IVDD33 = 25mA
3.17
3.27
3.37
V
IVDD33 = 40mA
3.16
3.26
3.36
V
VDD33 under-voltage
lockout (UVLO) rising
threshold
VDD33_UVLO_
RISING
2.55
2.7
2.85
V
VDD33 UVLO falling
threshold
VDD33_UVLO_
FALLING
2.15
2.3
2.45
V
VDD33 UVLO hysteresis
VDD33_UVLO_
HYS
400
mV
VIN UVLO Protection and Over-Voltage Protection (OVP)
VIN UVLO rising threshold
VIN_UVLO_
RISING
3.05
3.2
3.35
V
VIN UVLO falling threshold
VIN_UVLO_
FALLING
2.55
2.7
2.95
V
Over-voltage protection
VOVP
17
18.5
20
V
OVP hysteresis
VOVP_HYS
Auto-retry
1
V
Power MOSFET
On resistance
RDS(ON)
TJ = 25°C, IFET = 2A
1
1.25
mΩ
TJ = 125°C, IFET = 2A
1.35
1.7
mΩ
Off-state leakage current
IOFF
VIN = 16V, MOSFET is off
1
μA
MOSFET On/Off Control (ON)
Internal ON current
ION
3.2
4.2
5.2
μA
ON input rising threshold
VON_RISING
VON is rising
1.3
1.4
1.5
V
ON input falling threshold
VON_FALLING VON is falling
1.1
1.2
1.3
V
MOSFET turn-on
hysteresis
VON_HYS
200
mV
MOSFET turn-on insertion
delay time
tON_DELAY
VDD33 > VDD33_UVLO_RISING,
VIN > VIN_UVLO_RISING
0.8
1.3
1.8
ms
ON blanking time
tON_BLANK
VON recycling
0.7
1
1.5
ms
Current Monitor Output (IMON)
IMON sense gain
gIMON
IIMON / IOUT, IOUT > 4A,
9.9
10
10.1
μA/A
IMON sense offset
IOUT > 4A
-0.6
+0.6
μA
Current-Sense Output (CS)
Current-sense gain
gCS
ICS / IOUT, IOUT > 4A
9.6
10
10.4
μA/A
Current-sense gain offset
IOUT > 4A
-1
+1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com