Electronic Components Datasheet Search
  English  ▼

X  

MP5991 Datasheet(PDF) 27 Page - MPS Industries, Inc.

Part # MP5991
Description  16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP5991 Datasheet(HTML) 27 Page - MPS Industries, Inc.

Back Button MP5991 Datasheet HTML 23Page - MPS Industries, Inc. MP5991 Datasheet HTML 24Page - MPS Industries, Inc. MP5991 Datasheet HTML 25Page - MPS Industries, Inc. MP5991 Datasheet HTML 26Page - MPS Industries, Inc. MP5991 Datasheet HTML 27Page - MPS Industries, Inc. MP5991 Datasheet HTML 28Page - MPS Industries, Inc. MP5991 Datasheet HTML 29Page - MPS Industries, Inc. MP5991 Datasheet HTML 30Page - MPS Industries, Inc. MP5991 Datasheet HTML 31Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
MP5991
– 16V, 50A, 1mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5991 Rev. 1.0
MonolithicPower.com
27
4/27/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
the device attempts to retry automatically, and
GOK is pulled high after tRETRY. FLT_TYPE
continues to indicate an OV fault during tRETRY.
FLT_TYPE is reset to 0.1V after tRETRY.
Damaged Intelli-Fuse MOSFET Detection
The MP5991 can detect a shorted pass
MOSFET during start-up. Once VDD33 exceeds
its UVLO rising threshold and VON exceeds its
rising threshold (1.4V), the device treat output
voltages that exceed 90% of VIN during the
tON_DELAY as a short. This is called a drain-to-
source (DS) short. GOK is pulled low once the
device detects that VOUT has exceeded 90% of
VIN during start-up, and FLT_TYPE outputs
0.6V to indicate a DS short. The DS short is
non-latch fault, regardless of the operation
mode. GOK is pulled high once the DS short is
removed and the device detects that VOUT is
below 70% of VIN. Then FLT_TYPE is reset to
0.1V. The MP5991 initiates a soft start and
resumes normal operation.
Power MOSFET is Not Fully On
If the following conditions are met once the part
starts up and VOUT starts to ramp up, it means
the power MOSFET is not fully on:
• V
SS exceeds VDD33 - 0.7V
• V
GS is below VCP - 0.7V
• No OC faults have occurred
• No SC faults have occurred
The MP5991 stops regulating and the MOSFET
turns off after 250ms. The GOK and SS pins
are pulled low, and FLT_TYPE outputs 0.6V to
indicate a GS short has occurred (see Figure
15).
t
VIN
VGS
VDD33
VDD33 UVLO
VGOK
VON
tON_DELAY
1.4V
VSS
250ms
VCP
VOUT
(e.g. 2.7V)
Below VCP - 0.7V
Figure 15: Power MOSFET is Not Fully On in
Latch-Off Mode
In latch-off mode, cycle the power on VIN,
VDD33, or ON to reset FLT_TYPE to 0.1V. This
initiates a soft start, and then MOSFET turns on.
In hiccup mode, the device attempts to retry
automatically, and GOK is pulled high after
tRETRY ends. FLT_TYPE continues to indicate a
GS short fault during tRETRY. FLT_TYPE is reset
to 0.1V after tRETRY.
GOK Fault
The MP5991 provides a comparator on the
GOK pin to control the MOSFET. If VGOK drops
below 1.16V, then the system sees this as a
fault, and the MOSFET turns off after a delay
time (10µs). FLT_TYPE outputs 0.3V to indicate
a GOK fault.
The GOK fault is non-latch fault. Once VGOK
exceeds 2.06V, the device initiates a soft start
and resumes normal operation. FLT_TYPE
resets to 0.1V.
For standalone operation, GOK has an internal
pull-up
resistor
(370k
Ω) to avoid falsely
triggering a GOK fault when there is not an
external pull-up resistor.
Under-Voltage Lockout (UVLO) Protection
The MP5991 has two under-voltage lockout
(UVLO) protections: VDD33 UVLO with a 2.7V
rising threshold, and VIN UVLO with a 3.2V
rising threshold. The device starts up once both
VDD33 and VIN exceed their respective rising
thresholds. The MP5991 shuts down if either
VDD33 or VIN drops below its UVLO (2.3V and
2.7V, respectively). VDD33 UVLO and VIN UVLO
are non-latch protections.
Input and Output Transient Protection
Parasitic inductance in the input circuitry can
cause the hot-swap system to experience
positive transients on the input during a hot plug
or during rapid shutdown with a high current. To
reduce input transients, a transient voltage
suppressor (TVS) diode may be required on the
input to limit transient voltages below the
absolute maximum ratings.
Inductance in the output circuitry can cause the
output to experience negative transients during
rapid turn-off with a high current. If a transient
causes the output to drop further, then the
MOSFET may not turn off properly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com