Electronic Components Datasheet Search
  English  ▼

X  

MP5991 Datasheet(PDF) 18 Page - MPS Industries, Inc.

Part # MP5991
Description  16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP5991 Datasheet(HTML) 18 Page - MPS Industries, Inc.

Back Button MP5991 Datasheet HTML 14Page - MPS Industries, Inc. MP5991 Datasheet HTML 15Page - MPS Industries, Inc. MP5991 Datasheet HTML 16Page - MPS Industries, Inc. MP5991 Datasheet HTML 17Page - MPS Industries, Inc. MP5991 Datasheet HTML 18Page - MPS Industries, Inc. MP5991 Datasheet HTML 19Page - MPS Industries, Inc. MP5991 Datasheet HTML 20Page - MPS Industries, Inc. MP5991 Datasheet HTML 21Page - MPS Industries, Inc. MP5991 Datasheet HTML 22Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
MP5991
– 16V, 50A, 1mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5991 Rev. 1.0
MonolithicPower.com
18
4/27/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, COUT = 330µF, RCS = RIMON = 2kΩ, TA = 25°C, unless otherwise noted.
Short-Circuit Start-Up
Short-Circuit Start-Up
CH1: VOUT
CH2: VIN
CH3: VCS
CH4: IIN
CH1: VGOK
CH2: VIN
CH3:
VFLT_TYPE
CH4: IIN
VIN OVP in Latch Mode
Latch mode, 18.5V applied to VIN,
then VIN is reduced
VIN OVP in Hiccup Mode
Hiccup mode, 18.5V applied to VIN,
then VIN is reduced
CH2: VIN
CH1: VOUT
CH3:
VFLT_TYPE
CH4: VGOK
CH2: VIN
CH1: VOUT
CH3:
VFLT_TYPE
CH4: VGOK
GOK Fault
GOK is pulled to GND, then GOK is pulled high
DS Short
Start-up with DS short, then DS short is
removed
CH2: VIN
CH1: VOUT
CH3:
VFLT_TYPE
CH4: VGOK
CH2: VIN
CH1: VOUT
CH3:
VFLT_TYPE
CH4: VGOK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com