Electronic Components Datasheet Search
  English  ▼

X  

MP5991 Datasheet(PDF) 11 Page - MPS Industries, Inc.

Part # MP5991
Description  16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP5991 Datasheet(HTML) 11 Page - MPS Industries, Inc.

Back Button MP5991 Datasheet HTML 7Page - MPS Industries, Inc. MP5991 Datasheet HTML 8Page - MPS Industries, Inc. MP5991 Datasheet HTML 9Page - MPS Industries, Inc. MP5991 Datasheet HTML 10Page - MPS Industries, Inc. MP5991 Datasheet HTML 11Page - MPS Industries, Inc. MP5991 Datasheet HTML 12Page - MPS Industries, Inc. MP5991 Datasheet HTML 13Page - MPS Industries, Inc. MP5991 Datasheet HTML 14Page - MPS Industries, Inc. MP5991 Datasheet HTML 15Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
MP5991
– 16V, 50A, 1mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5991 Rev. 1.0
MonolithicPower.com
11
4/27/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, RCS = 2kΩ, RIMON = 2kΩ, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
D_OC Output
Output low voltage
VD_OC_LOW
ISINK = 10mA
0.3
V
D_OC leakage current
ILKG_D_OC
VD_OC = 3.3V
1
μA
D_OC high to low
threshold (OC warning)
VD_OC_TH
Standalone mode, VOUT
≥ 90% of VIN,
0.3V ≤ VOCREF ≤ 1.8V
0.8
0.85
0.9
VCS /
VOCREF
Slave mode, VOUT
≥ 90% of VIN,
0.3V ≤ VOCWREF ≤ 1.8V
0.95
1
1.05
VCS /
VOCWREF
MOSFET Short Detection
MOSFET drain-to-source
(DS) short entry threshold
VOUT_DS_
ENTRY
Measured at VOUT during start-up
85
90
95
% of VIN
MOSFET DS short
recovery threshold
VOUT_DS_
RECOVERY
Measured at VOUT during start-up
65
70
75
% of VIN
Gate-to-source (GS) short
protection delay time (6)
tGS_DELAY
VSS > VCC - 0.7V
200
250
300
ms
Fault Type Indication Output (FLT_TYPE) (6 Indication Types)
Short-circuit FLT_TYPE
voltage (6)
VFLT_TYPE SC SCP
1.5
V
OC fault FLT_TYPE
voltage
VFLT_TYPE OC OCP during SS or normal operation
1.16
1.2
1.24
V
OT/OV fault FLT_TYPE
voltage
VFLT_TYPE
OT/OV
VIN OVP and OTP
0.865
0.9
0.935
V
MOSFET DS/GS short
FLT_TYPE voltage
VFLT_TYPE
DS/GS
MOSFET DS/GS short
0.57
0.6
0.63
V
GOK fault FLT_TYPE
voltage
VFLT_TYPE
GOK
GOK fault
0.275
0.3
0.325
V
FLT_TYPE voltage for
other conditions
VFLT_TYPE
OTHER
0.08
0.1
0.12
V
Thermal Shutdown
Thermal shutdown
threshold (6)
TSD
145
°C
Mode Selection (MODE)
MODE current
IMODE
9
10
11
μA
Hiccup mode with 250ms
auto-retry delay
VMODE1
RMODE =
30kΩ, tRETRY = 250ms
0.24
0.3
0.36
V
Hiccup mode with 500ms
auto-retry delay
VMODE2
RMODE
= 0Ω, tRETRY = 500ms
0
0.16
V
Hiccup mode with 1s auto-
retry delay
VMODE3
RMODE =
60kΩ, tRETRY = 1s
0.48
0.6
0.72
V
Slave mode
VMODE4
RMODE
= 120kΩ
0.96
1.2
1.44
V
Latch-off mode
VMODE5
MODE is pulled up to VDD33
1.68
V
Notes:
6) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com