Electronic Components Datasheet Search
  English  ▼

X  

MP5991 Datasheet(PDF) 29 Page - MPS Industries, Inc.

Part # MP5991
Description  16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP5991 Datasheet(HTML) 29 Page - MPS Industries, Inc.

Back Button MP5991 Datasheet HTML 25Page - MPS Industries, Inc. MP5991 Datasheet HTML 26Page - MPS Industries, Inc. MP5991 Datasheet HTML 27Page - MPS Industries, Inc. MP5991 Datasheet HTML 28Page - MPS Industries, Inc. MP5991 Datasheet HTML 29Page - MPS Industries, Inc. MP5991 Datasheet HTML 30Page - MPS Industries, Inc. MP5991 Datasheet HTML 31Page - MPS Industries, Inc. MP5991 Datasheet HTML 32Page - MPS Industries, Inc. MP5991 Datasheet HTML 33Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
MP5991
– 16V, 50A, 1mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5991 Rev. 1.0
MonolithicPower.com
29
4/27/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
APPLICATION INFORMATION
Selecting the Current-Limit Resistor (RCS)
The MP5991
’s over current limit (ILIMIT) should
exceed the normal ILOAD_MAX. This allows for
tolerances in the current-sense value. ILIMIT can
be calculated with Equation (10):
( )
= 5
OCREF
LIMIT
CS
V
I
10 A
R
(10)
Where VOCREF is the OCREF voltage while
the MOSFET operates in linear mode.
If RCS is 3kΩ and VOCREF is 1.2V, then ILIMIT is
40A. If VOCREF is 0.3V, then ILIMIT is 10A.
Current-Limit Reference Voltage (OCREF)
The OCREF pin sets the current-limit reference
via the hot-swap controller in slave mode or via
a resistor connected to ground in standalone
mode. IOCREF (10μA) sets VOCREF in standalone
mode. Place a 1nF to 10nF capacitor between
the OCREF and GND pins to reduce noise and
maintain a smooth indicator voltage.
During normal operation, VOCREF can be set
between 0.3V and 1.8V to configure ILIMIT either
low or high while RCS is fixed.
Current Monitor Setting (IMON)
The
MP5991
provides
a power MOSFET
current-monitoring function. Connect a resistor
(RIMON) between the IMON and GND pins to set
the IOUT gain.
In a single-fuse application, RIMON should be
≥RCS. If the device is used in a multi-fuse
parallel application, the start-up current balance
per device can be achieved by connecting the
IMON pins together.
The
equivalent
average
IMON
resistance
(RIMON_AVG) can be calculated with Equation (6).
Figure 16 shows the IMON and CS connections
of multiple MP5991s in a multi-fuse parallel
application.
MP5991
MP5991
MP5991
IMON
IMON
GND
CS
IMON
RCS
GND
CS
RCS
GND
CS
RCS
N
R
R
CS
IMON_AVG =
RIMON
RIMON
RIMON
RIMON = RCS
Figure 16: IMON and CS Connections in Multi-
Fuse Parallel Application
Maximum Output Current
The MP5991 can drive up to 50A of continuous
IOUT per device at room temperature, and up to
60A IOUT with air flow. Figure 17 shows the case
temperature rise at different air flow conditions.
10
30
50
70
90
110
30
35
40
45
50
55
60
OUTPUT CURRENT (A)
No Air Flow
Air Flow=100ft/min
Air Flow=200ft/min
Figure 17: Case Temperature Rise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com