Electronic Components Datasheet Search
  English  ▼

X  

MP5991 Datasheet(PDF) 10 Page - MPS Industries, Inc.

Part # MP5991
Description  16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP5991 Datasheet(HTML) 10 Page - MPS Industries, Inc.

Back Button MP5991 Datasheet HTML 6Page - MPS Industries, Inc. MP5991 Datasheet HTML 7Page - MPS Industries, Inc. MP5991 Datasheet HTML 8Page - MPS Industries, Inc. MP5991 Datasheet HTML 9Page - MPS Industries, Inc. MP5991 Datasheet HTML 10Page - MPS Industries, Inc. MP5991 Datasheet HTML 11Page - MPS Industries, Inc. MP5991 Datasheet HTML 12Page - MPS Industries, Inc. MP5991 Datasheet HTML 13Page - MPS Industries, Inc. MP5991 Datasheet HTML 14Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
MP5991
– 16V, 50A, 1mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5991 Rev. 1.0
MonolithicPower.com
10
4/27/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, RCS = 2kΩ, RIMON = 2kΩ, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Over-Current (OC) Limit Reference (OCREF)
Internal OCREF current
IOCREF
Standalone mode
9
10
11
μA
Slave mode
0
μA
OCREF clamp voltage
VOCREF_
CLAMP
VSS_CLAMP at VOUT < 80% of VIN,
TJ = 25°C
570
635
699
mV
VSS_CLAMP at VOUT < 80% of VIN,
TJ = 125°C
340
440
570
mV
VOUT
≥ 80% of VIN
1.9
2
2.1
V
OCREF operating voltage (6)
VOCREF
0.3
1.8
V
OCREF OC regulation timer
tOC_REG
VOUT
≥ 90% of VIN, VOCREF ≥ 0.3V
220
μs
Short-Circuit Current Limit Reference (SCREF)
Internal SCREF current
ISCREF
Standalone mode, TA = 25°C
9
10
11
μA
Standalone mode, TA = -40 to +125°C
9
10
11
μA
Slave mode
0
μA
Short-circuit current limit
SCREF voltage range
VSCREF
ILIMIT_SC = 40A
0
0.16
V
ILIMIT_SC = 60A
0.24
0.3
0.36
V
ILIMIT_SC = 80A
0.48
0.6
0.72
V
ILIMIT_SC = 120A
0.96
1.2
1.44
V
ILIMIT_SC = 100A
1.68
V
Short-circuit current limit (6)
ILIMIT SC
VSCREF > 1.6V
100
A
Short-circuit protection (SCP)
response time (6)
tSCP
200
ns
Short-circuit start-up protection
timer
tSC_TIMER
VOUT < 1/8 x VIN,
IFET is regulated by VSS_CLAMP
2.1
3.2
ms
Temperature Sense (VTEMP)
Temperature sense gain (6)
8.7
mV/
°C
Temperature sense output (6)
TJ = 25°C
370
mV
Soft Start (SS)
SS current
ISS
VIN = 12V, ISS is dependent on VIN,
RSS = 0.8M
Ω
13
15
17
μA
SS low voltage
VSS_LOW
SS is pull low internally via RSS,
ISINK = 10mA
0.2
V
SS leakage current
ILKG_SS
VON = 0V, VSS = 3.3V, MOSFET is off
1
μA
GOK Output and Comparator
Output low voltage
VGOK_LOW ISINK = 10mA
0.3
V
GOK leakage current
ILKG_GOK
VGOK = 3.3V
1
μA
GOK internal pull-up resistor
RGOK
370
kΩ
GOK comparator falling
threshold
VGOK_
FALLING
Fault status
1.05
1.16
1.3
V
GOK comparator hysteresis
VGOK_HYS
900
mV
GOK fault delay time
1
3
5
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com