Electronic Components Datasheet Search
  English  ▼

X  

MP5991 Datasheet(PDF) 14 Page - MPS Industries, Inc.

Part # MP5991
Description  16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP5991 Datasheet(HTML) 14 Page - MPS Industries, Inc.

Back Button MP5991 Datasheet HTML 10Page - MPS Industries, Inc. MP5991 Datasheet HTML 11Page - MPS Industries, Inc. MP5991 Datasheet HTML 12Page - MPS Industries, Inc. MP5991 Datasheet HTML 13Page - MPS Industries, Inc. MP5991 Datasheet HTML 14Page - MPS Industries, Inc. MP5991 Datasheet HTML 15Page - MPS Industries, Inc. MP5991 Datasheet HTML 16Page - MPS Industries, Inc. MP5991 Datasheet HTML 17Page - MPS Industries, Inc. MP5991 Datasheet HTML 18Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
MP5991
– 16V, 50A, 1mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5991 Rev. 1.0
MonolithicPower.com
14
4/27/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS (continued)
VIN = 12V, RCS = RIMON = 2kΩ, TA = 25°C, unless otherwise noted.
Safe Operation Area (SOA)
Tested on the EV5991-V-4PHASE-00A
(11cmx15cm), 4-layer PCB, 2oz per layer
0.1
1
10
100
0.01
0.1
1
10
Vds (V)
DC
1s
100ms
50ms
10ms
2ms
1ms
<2us
RθJA =15.6℃/W
T
JMAX=150℃ Max Rated
T
A=25℃
Limited by R
DS_ON
Limited by IDM
0
200
400
600
800
1000
1200
1400
-40 -20
0
20 40 60 80 100 120 140
TEMPERATURE ( C)
V
TEMP vs. Temperature
No load
0.3
0.5
0.7
0.9
1.1
1.3
1.5
5 10 15 20 25 30 35 40 45 50 55 60
OUTPUT CURRENT (A)
V
TEMP vs. Output Current
No air flow
10
30
50
70
90
110
30
35
40
45
50
55
60
OUTPUT CURRENT (A)
Case Temperature Rise
No Air Flow
Air Flow = 100ft/min
Air Flow = 200ft/min
0
100
200
300
400
500
600
700
800
1
10
100
SINGLE-PULSE TIME (ms)
Single-Pulse Power Limit vs.
Single-Pulse Time
Before OTP, 25 C/55 C/85 C
TA = 25°C
TA = 55°C
TA = 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com