Electronic Components Datasheet Search
  English  ▼

X  

MP5991 Datasheet(PDF) 25 Page - MPS Industries, Inc.

Part # MP5991
Description  16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP5991 Datasheet(HTML) 25 Page - MPS Industries, Inc.

Back Button MP5991 Datasheet HTML 21Page - MPS Industries, Inc. MP5991 Datasheet HTML 22Page - MPS Industries, Inc. MP5991 Datasheet HTML 23Page - MPS Industries, Inc. MP5991 Datasheet HTML 24Page - MPS Industries, Inc. MP5991 Datasheet HTML 25Page - MPS Industries, Inc. MP5991 Datasheet HTML 26Page - MPS Industries, Inc. MP5991 Datasheet HTML 27Page - MPS Industries, Inc. MP5991 Datasheet HTML 28Page - MPS Industries, Inc. MP5991 Datasheet HTML 29Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
MP5991
– 16V, 50A, 1mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5991 Rev. 1.0
MonolithicPower.com
25
4/27/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
ILIMIT_SC. Cycle the power on VIN, VDD33, or ON
to enter another tON_DELAY and set a new ILIMIT_SC.
The MP5991 provides five types of short-circuit
current levels that can be selected via the
SCREF pin. Table 1 shows the selectable
short-circuit current limits for different SCREF
voltages
in
standalone
mode
(the
recommended RSCREF value is also shown for
when VSCREF is generated by RSCREF).
Table: 1 Short-Circuit Current Limit Selection for
Different VSCREF in Standalone Mode
VSCREF (V)
RSCREF
ILIMIT_SC (A)
<0.16
Pulled to GND
40
0.24 to 0.36
30
kΩ
60
0.48 to 0.72
60
kΩ
80
0.96 to 1.44
120
kΩ
120
>1.68
200
kΩ
100
In latch-off mode, cycle the power on VIN,
VDD33, or ON to reset FLT_TYPE to 0.1V. This
initiates a soft start, and then MOSET turns on.
In hiccup mode, the device attempts to retry
automatically, and GOK is pulled high after
tRETRY. FLT_TYPE continues to indicate an SC
fault during tRETRY. FLT_TYPE is reset to 0.1V
after tRETRY.
Temperature-Sense Output (VTEMP)
The
VTEMP
pin
reports
the
junction
temperature (TJ) while there is no thermal
gradient on the IC. If VDD33 exceeds its UVLO
rising threshold, then VTEMP is a voltage
output proportional to TJ. The VTEMP voltage
(VTEMP) is 8.7mV/°C, and has a 152.5mV offset.
VTEMP can be calculated with Equation (9):
TEMP
J
V
T 8.7mV 152.5mV
=
+
(9)
For example, if TJ is 100°C, then VTEMP is
1.022V. If VTEMP is 0V, then TJ is -18°C. The
total temperature-sense range is -18°C to
+150°C. If TJ drops below -18°C, then VTEMP is
0V.
During multi-fuse operation, the VTEMP pins of
each Intelli-Fuse can be connected to the
controller’s temperature monitor pin. Connect a
≤1nF capacitor and a ≥10kΩ resistor in parallel
on VTEMP. Figure 14 shows the temperature
sense
function
during
multi-fuse
parallel
operation.
VTEMP OUT
GND
VIN
MP5991
VOUT
VIN
VTEMP OUT
GND
VIN
MP5991
VTEMP
Temperature
ADC
Controller
Figure 14: Temperature Sense during Multi-Fuse
Parallel Operation
Mode Selection (MODE)
The MP5991 provides both latch-off mode and
hiccup mode for the following protections: input
over-voltage protection (OVP), output over-
current
protection
(OCP),
short-circuit
protection (SCP), over-temperature protection
(OTP), and MOSFET GS short protection. The
MODE pin selects either latch-off mode or
hiccup
mode
with
tRETRY.
MODE
also
determines whether the MP5991 operates in
slave mode.
In slave mode, the part operates with the
following conditions:
• The internal I
OCREF (10µA) and ISCREF (10µA)
are disabled, so VOCREF and VSCREF are
controlled by controller.
• The internal V
OCREF_CLAMP
remains active,
and the soft-start clamp voltage (VSS_CLAMP)
controls the soft-start current-limit threshold
• The internal ON current (I
ON)
4.2µA is
disabled.
• If V
CS
exceeds VOCWREF, then D_OC is
pulled low. D_OC is not pulled low if VCS
exceeds 85% of VOCREF.
• Hiccup mode or latch-off mode and t
RETRY
are selected via the controller.
If the device exceeds either the VDD33 or VIN
UVLO rising threshold, then the MODE pin is
detected. Once a mode is selected, it is held
until the power on VDD33 or VIN is cycled
again.
Table 2 on page 26 shows the mode selection
and tRETRY for common resistor values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com