Electronic Components Datasheet Search
  English  ▼

X  

MP5991 Datasheet(PDF) 28 Page - MPS Industries, Inc.

Part # MP5991
Description  16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP5991 Datasheet(HTML) 28 Page - MPS Industries, Inc.

Back Button MP5991 Datasheet HTML 24Page - MPS Industries, Inc. MP5991 Datasheet HTML 25Page - MPS Industries, Inc. MP5991 Datasheet HTML 26Page - MPS Industries, Inc. MP5991 Datasheet HTML 27Page - MPS Industries, Inc. MP5991 Datasheet HTML 28Page - MPS Industries, Inc. MP5991 Datasheet HTML 29Page - MPS Industries, Inc. MP5991 Datasheet HTML 30Page - MPS Industries, Inc. MP5991 Datasheet HTML 31Page - MPS Industries, Inc. MP5991 Datasheet HTML 32Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
MP5991
– 16V, 50A, 1mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5991 Rev. 1.0
MonolithicPower.com
28
4/27/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
An output voltage clamp diode is required on
the output to limit negative transients. Select a
Schottky diode with a low forward voltage.
Parallel Operation
The MP5991 can work in parallel operation to
support higher currents (maximum 20-phase
operation).
The
following
connections
and
conditions are required to support multi-phase
parallel operation (see Figure 2 on page 3 for
more details):
• Connect the VIN pins to the same input bus
• Connect the VOUT pins to the same output
bus
• Tie the ON pins together for start-up
sequence control
• Tie the SS pins together for soft-start
sequence control
• Tie the GOK pins together for system fault
control
• Design the current-sense resistor (R
CS) to
have the same resistance in each phase
• Tie the IMON pins together, and design the
total system
’s IMON resistance to equal RCS
/ N (where N is the number of phases) for
soft-start current-balance control
• Tie the OCREF pins together
• Select the same mode for all phases
• Tie the VTEMP pins together to report the
highest TJ of all the phases
• Tie the FLT_TYPE pins together to indicate
the highest-priority fault



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com