Electronic Components Datasheet Search
  English  ▼

X  

MP5991 Datasheet(PDF) 16 Page - MPS Industries, Inc.

Part # MP5991
Description  16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP5991 Datasheet(HTML) 16 Page - MPS Industries, Inc.

Back Button MP5991 Datasheet HTML 12Page - MPS Industries, Inc. MP5991 Datasheet HTML 13Page - MPS Industries, Inc. MP5991 Datasheet HTML 14Page - MPS Industries, Inc. MP5991 Datasheet HTML 15Page - MPS Industries, Inc. MP5991 Datasheet HTML 16Page - MPS Industries, Inc. MP5991 Datasheet HTML 17Page - MPS Industries, Inc. MP5991 Datasheet HTML 18Page - MPS Industries, Inc. MP5991 Datasheet HTML 19Page - MPS Industries, Inc. MP5991 Datasheet HTML 20Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
MP5991
– 16V, 50A, 1mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5991 Rev. 1.0
MonolithicPower.com
16
4/27/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, COUT = 330µF, RCS = RIMON = 2kΩ, TA = 25°C, unless otherwise noted.
Shutdown through ON
IOUT = 0A
Shutdown through ON
IOUT = 10A
CH3: VON
CH1: VOUT
CH2: VGOK
CH4: IIN
CH3: VON
CH1: VOUT
CH2: VGOK
CH4: IIN
Over-Current Protection
ILIMIT = 50A, latch mode
Over-Current Protection
ILIMIT = 50A, hiccup mode, tRETRY = 250ms
CH1: VOUT
CH2: VGOK
CH3:
VFLT_TYPE
CH4: IIN
CH1: VOUT
CH2: VGOK
CH3:
VFLT_TYPE
CH4: IIN
Over-Current Protection
ILIMIT = 50A, hiccup mode, tRETRY = 500ms
Over-Current Protection
ILIMIT = 50A, hiccup mode, tRETRY = 1s
CH1: VOUT
CH2: VGOK
CH3:
VFLT_TYPE
CH4: IIN
CH1: VOUT
CH2: VGOK
CH3:
VFLT_TYPE
CH4: IIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com