Electronic Components Datasheet Search
  English  ▼

X  

MP5991 Datasheet(PDF) 24 Page - MPS Industries, Inc.

Part # MP5991
Description  16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP5991 Datasheet(HTML) 24 Page - MPS Industries, Inc.

Back Button MP5991 Datasheet HTML 20Page - MPS Industries, Inc. MP5991 Datasheet HTML 21Page - MPS Industries, Inc. MP5991 Datasheet HTML 22Page - MPS Industries, Inc. MP5991 Datasheet HTML 23Page - MPS Industries, Inc. MP5991 Datasheet HTML 24Page - MPS Industries, Inc. MP5991 Datasheet HTML 25Page - MPS Industries, Inc. MP5991 Datasheet HTML 26Page - MPS Industries, Inc. MP5991 Datasheet HTML 27Page - MPS Industries, Inc. MP5991 Datasheet HTML 28Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
MP5991
– 16V, 50A, 1mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5991 Rev. 1.0
MonolithicPower.com
24
4/27/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
If VOCREF is below VOCREF_CLAMP, then the current-
limit reference voltage is determined by VOCREF.
If VOCREF exceeds VOCREF_CLAMP, then the current-
limit
reference
voltage
is
determined
by
VOCREF_CLAMP.
The desired ILIMIT is a function of RCS, the
current-sense gain (gCS) and VOCREF. ILIMIT can
be calculated with Equation (8):
OCREF
LIMIT
CS
CS
V
I
=
gR
(8)
ILIMIT can exceed the maximum load current
(ILOAD_MAX) during normal operation to allow for
tolerances in the current-sense value.
Over-Current
Protection
(OCP)
during
Start-Up
Once VCS exceeds VOCREF during soft start,
VGATE is regulated to maintain a constant IFET. If
VOUT is below (1/8 x VIN), and IFET is regulated
by VSS_CLAMP for 2.1ms, then the MOSFET
latches off, and GOK is pulled low (see Figure
12).
t
VGS
VOUT
VGOK
VON
VCS
>1.4V
2.1ms
VGS_TH
VOUT < 1/8 x VIN
Figure 12: Failed Start-Up with Output Hard
Short
OCP during Normal Operation
If VOUT exceeds 80% of VIN, then VOCREF_CLAMP is
pulled to 2V, and VGATE is close to the internal
charge pump voltage (VCP). Once soft start is
complete, the MP5991 begins normal operation.
Once VCS (configured via an external resistor)
exceeds VOCREF, the internal circuitry regulates
VGATE to maintain a constant current on the
MOSFET. To limit IOUT, the MOSFET’s VGS is
regulated between 3.3V and 1V. The response
time is about 14µs. IOUT may have a small
overshoot during this response time.
If IOUT exceeds ILIMIT, then the internal fault timer
(220µs) starts. If IOUT drops below ILIMIT within
the fault timer period, then the device resumes
normal operation. If IOUT exceeds ILIMIT for 220µs,
then the MOSFET latches off, and GOK is
pulled low.
If an OC fault occurs, then the GOK and SS
pins are pulled low, and FLT_TYPE outputs
1.2V to indicate an OC fault.
In latch-off mode, cycle the power on VIN,
VDD33, or ON to reset FLT_TYPE to 0.1V. This
initiates a soft start, and then MOSFET turns on.
In hiccup mode, the device attempts to initiate a
new soft start automatically, and GOK is pulled
high after a retry delay time (tRETRY). FLT_TYPE
continues to indicate an OC fault during tRETRY.
FLT_TYPE is reset to 0.1V after tRETRY.
Short-Circuit Current Limit (SCREF)
If ILOAD increases rapidly due to a short circuit,
the current may exceed ILIMIT significantly before
the hot-swap control loop can respond. Once
the Intelli-Fuse current reaches the short-circuit
current limit (ILIMIT_SC), a fast turn-off circuit in
the Intelli-Fuse is enabled to turn the MOSFET
off. The total short-circuit response time is
about 200ns. If IFET exceeds ILIMIT_SC, GOK is
pulled low.
To determine ILIMIT_SC, the MP5991 samples the
SCREF voltage (VSCREF) once the ON voltage
(VON) exceeds its rising threshold during the
tON_DELAY (see Figure 13).
VIN
VDD33
VSCREF
VON
VSS
tON_DELAY
VSCREF is sampled and ILIMIT_SC
is held during the tON_DELAY.
Figure 13: SCREF Voltage Sampling to
Determine the Short-Circuit Current Limit
ILIMIT_SC is held once tON_DELAY is finished.
Changing VSCREF after tON_DELAY does not affect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com