Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 126 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x Sitara™ Processors
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3359 Datasheet(HTML) 126 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 122Page - Texas Instruments AM3359 Datasheet HTML 123Page - Texas Instruments AM3359 Datasheet HTML 124Page - Texas Instruments AM3359 Datasheet HTML 125Page - Texas Instruments AM3359 Datasheet HTML 126Page - Texas Instruments AM3359 Datasheet HTML 127Page - Texas Instruments AM3359 Datasheet HTML 128Page - Texas Instruments AM3359 Datasheet HTML 129Page - Texas Instruments AM3359 Datasheet HTML 130Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 256 page
background image
126
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
SPRS717L – OCTOBER 2011 – REVISED MARCH 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Peripheral Information and Timings
Copyright © 2011–2020, Texas Instruments Incorporated
7.7
External Memory Interfaces
The device includes the following external memory interfaces:
•
General-purpose memory controller (GPMC)
•
mDDR(LPDDR), DDR2, DDR3, DDR3L Memory Interface (EMIF)
7.7.1
General-Purpose Memory Controller (GPMC)
NOTE
For more information, see the Memory Subsystem and General-Purpose Memory Controller
section of the AM335x and AMIC110 Sitara Processors Technical Reference Manual.
The GPMC is the unified memory controller used to interface external memory devices such as:
•
Asynchronous SRAM-like memories and ASIC devices
•
Asynchronous page mode and synchronous burst NOR flash
•
NAND flash
7.7.1.1
GPMC and NOR Flash—Synchronous Mode
Table 7-23 and Table 7-24 assume testing over the recommended operating conditions and electrical
characteristic conditions shown in Table 7-22 (see Figure 7-17 through Figure 7-21).
Table 7-22. GPMC and NOR Flash Timing Conditions—Synchronous Mode
PARAMETER
MIN
TYP
MAX
UNIT
Input Conditions
tR
Input signal rise time
1
5
ns
tF
Input signal fall time
1
5
ns
Output Condition
CLOAD
Output load capacitance
3
30
pF
Table 7-23. GPMC and NOR Flash Timing Requirements—Synchronous Mode
NO.
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
F12
tsu(dV-clkH)
Setup time, input data gpmc_ad[15:0] valid before output clock
gpmc_clk high
3.2
13.2
ns
F13
th(clkH-dV)
Hold time, input data gpmc_ad[15:0]
valid after output clock gpmc_clk
high
Industrial extended
temperature
(-40°C to 125°C)
4.74
4.74
ns
All other temperature ranges
4.74
2.75
F21
tsu(waitV-clkH)
Setup time, input wait gpmc_wait[x](1) valid before output clock
gpmc_clk high
3.2
13.2
ns
F22
th(clkH-waitV)
Hold time, input wait gpmc_wait[x](1)
valid after output clock gpmc_clk
high
Industrial extended
temperature
(-40°C to 125°C)
4.74
4.74
ns
All other temperature ranges
4.74
2.75
(1) In gpmc_wait[x], x is equal to 0 or 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com